Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT9555
Description  16-bit I2C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT9555_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 12Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 13Page - Catalyst Semiconductor CAT9555_08 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CAT9555
10
Doc. No. MD-9003 , Rev. G
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 7. Acknowledge Timing
Acknowledge
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data. The SDA line remains stable LOW during the
HIGH period of the acknowledge related clock pulse
(Figure 7).
The CAT9555 responds with an acknowledge after
receiving a START condition and its slave address. If
the device has been selected along with a write operation,
it responds with an acknowledge after receiving each
data byte.
When the CAT9555 begins a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT9555 will continue to transmit
data. If no acknowledge is sent by the Master, the
device terminates data transmission and waits for a
STOP condition. The master must then issue a stop
condition to return the CAT9555 to the standby power
mode and place the device in a known state.
Registers and Bus Transactions
The CAT9555 internal registers and their address and
function are shown in Table 1.
The command byte is the first byte to follow the device
address byte during a write/read bus transaction. The
register command byte acts as a pointer to determine
which register will be written or read.
The input port register is a read only port. It reflects the
incoming logic levels of the I/O pins, regardless of
whether the pin is defined as an input or an output by the
configuration register. Writes to the input port register
are ignored.
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
ACK DELAY (
≤ tAA)
ACK SETUP (
≥ tSU:DAT)
Table 1. Register Command Byte
Table 3. Registers 2 and 3 – Output Port Registers
Table 2. Registers 0 and 1 – Input Port Registers
Table 4. Registers 4 and 5 – Polarity Inversion
Registers
Table 5. Registers 6 and 7 – Configuration Registers
)
x
e
h
(
d
n
a
m
m
o
Cr
e
t
s
i
g
e
R
h
00
t
r
o
P
t
u
p
n
I
h
11
t
r
o
P
t
u
p
n
I
h
20
t
r
o
P
t
u
p
t
u
O
h
31
t
r
o
P
t
u
p
t
u
O
h
40
t
r
o
P
n
o
i
s
r
e
v
n
I
y
t
i
r
a
l
o
P
h
51
t
r
o
P
n
o
i
s
r
e
v
n
I
y
t
i
r
a
l
o
P
h
60
t
r
o
P
n
o
i
t
a
r
u
g
i
f
n
o
C
h
71
t
r
o
P
n
o
i
t
a
r
u
g
i
f
n
o
C
t
i
b
7
.
0
O6
.
0
O5
.
0
O4
.
0
O3
.
0
O2
.
0
O1
.
0
O0
.
0
O
t
l
u
a
f
e
d
11
1
1
1
1
11
t
i
b
7
.
1
O6
.
1
O5
.
1
O4
.
1
O3
.
1
O2
.
1
O1
.
1
O0
.
1
O
t
l
u
a
f
e
d
11
1
1
1
1
11
t
i
b
7
.
0
N6
.
0
N5
.
0
N4
.
0
N3
.
0
N2
.
0
N1
.
0
N0
.
0
N
t
l
u
a
f
e
d
0
0
0
0000
0
t
i
b
7
.
1
N6
.
1
N5
.
1
N4
.
1
N3
.
1
N2
.
1
N1
.
1
N0
.
1
N
t
l
u
a
f
e
d
0
0
0
0000
0
t
i
b
7
.
0
C6
.
0
C5
.
0
C4
.
0
C3
.
0
C2
.
0
C1
.
0
C0
.
0
C
t
l
u
a
f
e
d
1
1
1
1111
1
t
i
b
7
.
1
C6
.
1
C5
.
1
C4
.
1
C3
.
1
C2
.
1
C1
.
1
C0
.
1
C
t
l
u
a
f
e
d
1
1
1
1111
1
t
i
b
7
.
O
I6
.
O
I5
.
O
I4
.
O
I3
.
O
I2
.
O
I1
.
O
I0
.
O
I
t
l
u
a
f
e
d
XX
X
X
X
X
XX
t
i
b
7
.
1
I6
.
1
I5
.
1
I4
.
1
I3
.
1
I2
.
1
I1
.
1
I0
.
1
I
t
l
u
a
f
e
d
XX
X
X
X
X
XX
The default value 'X' is determined by the externally
applied logic lavel


Similar Part No. - CAT9555_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555HT6I-G ONSEMI-CAT9555HT6I-G Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555HT6I-G ONSEMI-CAT9555HT6I-G Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
CAT9555HT6I-GT2 ONSEMI-CAT9555HT6I-GT2 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555HT6I-GT2 ONSEMI-CAT9555HT6I-GT2 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
CAT9555HV6I-G ONSEMI-CAT9555HV6I-G Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
More results

Similar Description - CAT9555_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com