Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B-15SC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF16V8B-15SC
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-15SC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF16V8B-15SC Datasheet HTML 1Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 2Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 3Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-15SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.................... -2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
Note:
1. Minimum voltage is -0.6V dc, which may undershoot to -2.0V
for pulses of less than 20 ns. Maximum output pin voltage is
VCC + 0.75V dc, which may overshoot to 7.0V for pulses of
less than 20 ns.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0°C - 70°C
-40°C - 85°C
VCC Power Supply
5V
± 5%
5V
± 10%
Several low power options allow selection of the best so-
lution for various types of power-limited applications. Each
of these options significantly reduces total system power
and enhances system reliability.
Description (Continued)
The ATF16V8Bs incorporate a superset of the generic ar-
chitectures, which allows direct replacement of the 16R8
family and most 20-pin combinatorial PLDs. Eight outputs
are each allocated eight product terms. Three different
modes of operation, configured automatically with soft-
ware, allow highly complex logic functions to be realized.
1-8
ATF16V8B


Similar Part No. - ATF16V8B-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-15SC ATMEL-ATF16V8B-15SC Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-15SC ATMEL-ATF16V8B-15SC Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com