Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84544IB-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84544IB-T
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544IB-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84544IB-T Datasheet HTML 1Page - Intersil Corporation ISL84544IB-T Datasheet HTML 2Page - Intersil Corporation ISL84544IB-T Datasheet HTML 3Page - Intersil Corporation ISL84544IB-T Datasheet HTML 4Page - Intersil Corporation ISL84544IB-T Datasheet HTML 5Page - Intersil Corporation ISL84544IB-T Datasheet HTML 6Page - Intersil Corporation ISL84544IB-T Datasheet HTML 7Page - Intersil Corporation ISL84544IB-T Datasheet HTML 8Page - Intersil Corporation ISL84544IB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6016.6
ISL84541, ISL84542, ISL84543, ISL84544
Low-Voltage, Single Supply, Dual SPST,
SPDT Analog Switches
The Intersil ISL84541–ISL84544 devices are precision, dual
analog switches designed to operate from a single +2.7V to
+12V supply. Targeted applications include battery powered
equipment that benefit from the devices’ low power
consumption (5
µW), low leakage currents (100pA max), and
fast switching speeds (tON = 35ns, tOFF = 25ns). Cell phones,
for example, often face ASIC functionality limitations. The
number of analog input or GPIO pins may be limited and
digital geometries are not well suited to analog switch
performance. This family of parts may be used to “mux-in”
additional functionality while reducing ASIC design risk. Some
of the smallest packages are available alleviating board space
limitations, and making Intersil’s newest line of low-voltage
switches an ideal solution.
The ISL84541/ISL84542/ISL84543 are dual single-
pole/single-throw (SPST) devices. The ISL84541 has two
normally open (NO) switches; the ISL84542 has two normally
closed (NC) switches; the ISL84543 has one NO and one NC
switch and can be used as an SPDT. The ISL84544 is a
committed SPDT, which is perfect for use in 2-to-1 multiplexer
applications.
Table 1 summarizes the performance of this family. For higher
performance, pin compatible versions, see the ISL43120 - 22
and ISL43210 datasheet.
Related Literature
Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
Pb-free Available as an Option
• Drop-in Replacements for MAX4541 - MAX4544, DG9461,
DG9262 - DG9263
• Fully Specified at 3.3V and 5V Supplies
• Pin Compatible with MAX323 - MAX325
• ON Resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . 30Ω
•RON Matching Between Channels. . . . . . . . . . . . . . . . . .<1Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.7V to +12V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low Leakage Current (Max at 85oC) . . . . . . . . . . . . 10nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Guaranteed Break-Before-Make (ISL84543/ISL84544
only)
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Available in SOT-23 Packaging
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Communications Systems
- Military Radios
- PBX, PABX
• Test Equipment
- Ultrasound
- Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• Various Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
ISL84541
ISL84542 ISL84543
ISL84544
NUMBER OF
SWITCHES
22
2
1
SW 1 / SW 2
NO / NO
NC / NC
NO / NC
SPDT
3.3V RON
50
50
50
50
3.3V tON / tOFF
50 / 20ns
50 / 20ns 50 / 20ns
50 / 20ns
5V RON
30
30
30
30
5V tON / tOFF
35 / 25ns
35 / 25ns 35 / 25ns
35 / 25ns
PACKAGES
8 Ld PDIP,
8 Ld SOIC,
8 Ld SOT-23,
8 Ld MSOP
8 Ld PDIP,
8 Ld SOIC,
8 Ld SOT-23
8 Ld PDIP,
8 Ld SOIC,
6 Ld SOT-23
Data Sheet
September 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84544IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544IB INTERSIL-ISL84544IB Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544IB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com