Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B-10JI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF16V8B-10JI
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-10JI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF16V8B-10JI Datasheet HTML 1Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 2Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 3Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-10JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AC Characteristics
(1)
Symbol Parameter
-7
(2)
-10
-15
-25
Min
Max
Min
Max
Min
Max
Min
Max
Units
tPD
Input or Feedback to
Non-Registered Output
8 outputs
switching
3
7.5
310
3
15
325
ns
1 output
switching
7ns
tCF
Clock to Feedback
3
6
8
10
ns
tCO
Clock to Output
25272
10
2
12
ns
tS
Input or Feedback Setup Time
5
7.5
12
15
ns
tH
Hold Time
0000
ns
tP
Clock Period
8121624
ns
tW
Clock Width
4
6
8
12
ns
FMAX
External Feedback 1/(tS+tCO)
100
68
45
37
MHz
Internal Feedback 1/(tS + tCF)
125
74
50
40
MHz
No Feedback 1/(tP)
125
83
62
41
MHz
tEA
Input to Output Enable —
Product Term
3
9
3
10
3
15
3
20
ns
tER
Input to Output Disable —
Product Term
2
9
2
10
2
15
2
20
ns
tPZX
OE pin to Output Enable
2
6
2
10
2
15
2
20
ns
tPXZ
OE pin to Output Disable
1.5
6
1.5
10
1.5
15
1.5
20
ns
Notes: 1. See ordering information for valid part numbers and speed grades.
2. Recommend ATF16V8C-7.
AC Waveforms
(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
1-10
ATF16V8B


Similar Part No. - ATF16V8B-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com