Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B-10PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF16V8B-10PC
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-10PC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF16V8B-10PC Datasheet HTML 1Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 2Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 3Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-10PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preload of Registered Outputs
The ATF16V8B’s registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with vectors is compiled. Once downloaded, the JEDEC
file preload sequence will be done automatically by most
of the approved programmers after the programming.
Power Up Reset
The registers in the ATF16V8Bs are designed to reset dur-
ing power up. At a point delayed slightly from VCC cross-
ing VRST, all registers will be reset to the low state. As a
result, the registered output state will always be high on
power-up.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the un-
certainty of how VCC actually rises in the system, the fol-
lowing conditions are required:
1) The VCC rise must be monotonic,
2) After reset occurs, all input and feedback setup times
must be met before driving the clock pin high, and
3) The clock must remain stable during tPR.
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0V
COUT
68
pF
VOUT = 0V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF16V8B fuse patterns. Once programmed, fuse
verify and preload are inhibited. However, the 64-bit User
Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Parameter Description
Typ
Max
Units
tPR
Power-Up
Reset Time
600
1,000
ns
VRST
Power-Up
Reset
Voltage
3.8
4.5
V
Input Test Waveforms and
Measurement Levels:
tR, tF < 5 ns (10% to 90%)
Commercial
Output Test Loads:
ATF16V8B
1-11


Similar Part No. - ATF16V8B-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-10PC ATMEL-ATF16V8B-10PC Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10PC ATMEL-ATF16V8B-10PC Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com