Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84544CP Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84544CP
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544CP Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84544CP Datasheet HTML 7Page - Intersil Corporation ISL84544CP Datasheet HTML 8Page - Intersil Corporation ISL84544CP Datasheet HTML 9Page - Intersil Corporation ISL84544CP Datasheet HTML 10Page - Intersil Corporation ISL84544CP Datasheet HTML 11Page - Intersil Corporation ISL84544CP Datasheet HTML 12Page - Intersil Corporation ISL84544CP Datasheet HTML 13Page - Intersil Corporation ISL84544CP Datasheet HTML 14Page - Intersil Corporation ISL84544CP Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. CROSSTALK AND OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL84541: 66
ISL84542: 66
ISL84543: 66
ISL84544: 58
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40oC
25oC
85oC
V+ (V)
35
30
25
20
15
23456789
10
11
12
25oC
-40oC
85oC
-40oC
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40oC
85oC
25oC
-40oC
85oC
VINH
VINL
85oC
25oC
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
V+ = 3.3V to 12V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P to 4VP-P (V+ = 5V)
VIN = 0.2VP-P to 5VP-P (V+ = 12V)
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V to 13V
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544CP INTERSIL-ISL84544CP Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com