Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF16V8B
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF16V8B_1 Datasheet HTML 3Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 4Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 5Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 6Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 7Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 8Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 9Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 10Page - ATMEL Corporation ATF16V8B_1 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Macrocell Configuration
Software compilers support the three different OMC
modes as different device types. Most compilers have the
ability to automatically select the device type, generally
based on the register usage and output enable (OE) us-
age. Register usage on the device forces the software to
choose the registered mode. All combinatorial outputs
with OE controlled by the product term will force the soft-
ware to choose the complex mode. The software will
choose the simple mode only when all outputs are dedi-
cated combinatorial without OE control. The different de-
vice types can be used to override the automatic device
selection by the software. For further details, refer to the
compiler software manuals.
When using compiler software to configure the device, the
user must pay special attention to the following restrictions
in each mode.
In registered mode pin 1 and pin 11 are permanently con-
figured as clock and output enable, respectively. These
pins cannot be configured as dedicated inputs in the reg-
istered mode.
In complex mode pin 1 and pin 11 become dedicated in-
puts and use the feedback paths of pin 19 and pin 12 re-
spectively. Because of this feedback path usage, pin 19
and pin 12 do not have the feedback option in this mode.
In simple mode all feedback paths of the output pins are
routed via the adjacent pins. In doing so, the two inner
most pins (pins 15 and 16) will not have the feedback op-
tion as these pins are always configured as dedicated
combinatorial output.
ATF16V8B Registered Mode
PAL Device Emulation / PAL Replacement
The registered mode is used if one or more registers are
required. Each macrocell can be configured as either a
registered or combinatorial output or I/O, or as an input.
For a registered output or I/O, the output is enabled by the
OE pin, and the register is clocked by the CLK pin. Eight
product terms are allocated to the sum term. For a combi-
natorial output or I/O, the output enable is controlled by a
product term, and seven product terms are allocated to the
sum term. When the macrocell is configured as an input,
the output enable is permanently disabled.
Any register usage will make the compiler select this
mode. The following registered devices can be emulated
using this mode:
16R8 16RP8
16R6 16RP6
16R4 16RP4
Registered Configuration
for Registered Mode
(1, 2)
Notes:
1. Pin 1 controls common CLK for the registered outputs.
Pin 11 controls common OE for the registered outputs.
Pin 1 and Pin 11 are permanently configured as CLK and OE.
2. The development software configures all the architecture
control bits and checks for proper pin usage automatically.
Combinatorial Configuration for
Registered Mode
(1, 2)
Notes:
1. Pin 1 and Pin 11 are permanently configured as CLK and
OE.
2. The development software configures all the architecture
control bits and checks for proper pin usage automatically.
ATF16V8B
1-13


Similar Part No. - ATF16V8B_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JU ATMEL-ATF16V8B-10JU Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com