Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3502UT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3502UT
Description  High-Voltage, NV, I2C POT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3502UT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3502UT Datasheet HTML 2Page - Maxim Integrated Products DS3502UT Datasheet HTML 3Page - Maxim Integrated Products DS3502UT Datasheet HTML 4Page - Maxim Integrated Products DS3502UT Datasheet HTML 5Page - Maxim Integrated Products DS3502UT Datasheet HTML 6Page - Maxim Integrated Products DS3502UT Datasheet HTML 7Page - Maxim Integrated Products DS3502UT Datasheet HTML 8Page - Maxim Integrated Products DS3502UT Datasheet HTML 9Page - Maxim Integrated Products DS3502UT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
High-Voltage, NV, I2C POT
_______________________________________________________________________________________
9
Manipulating the address counter for reads: A
dummy write cycle can be used to force the address
counter to a particular value. To do this the master gen-
erates a START condition, writes the slave address
byte (R/W = 0), writes the memory address where it
desires to read, generates a repeated START condi-
tion, writes the slave address byte (R/W = 1), reads
data with ACK or NACK as applicable, and generates a
STOP condition.
See Figure 3 for a read example using the repeated
START condition to specify the starting memory location.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3502,
decouple both the power-supply pin (VCC) and the
wiper-bias voltage pin (V+) with a 0.01µF or 0.1µF
capacitor. Use a high-quality ceramic surface-mount
capacitor if possible. Surface-mount components mini-
mize lead inductance, which improves performance,
and ceramic capacitors tend to have adequate high-
frequency response for decoupling applications.
SDA and SCL Pullup Resistors
SDA is an I/O with an open-collector output that
requires a pullup resistor to realize high-logic levels. A
master using either an open-collector output with a
pullup resistor or a push-pull output driver must be
used for SCL. Pullup resistor values should be chosen
to ensure that the rise and fall times listed in the
I2C AC
Electrical Characteristics are within specification. A typ-
ical value for the pullup resistors is 4.7k
Ω.
SLAVE
ADDRESS*
START
START
0
1
0
1
0
A1
A0
R/W
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE-BYTE WRITE
REGISTER 00h
SINGLE-BYTE READ
-READ CR REGISTER
START
REPEATED
START
51h
MASTER
NACK
STOP
0 1010000
00000 010
02h
01010 001
0 1010000
00000 000
50h
00h
STOP
DATA
EXAMPLE I2C TRANSACTIONS (WHEN A0 AND A1 ARE CONNECTED TO GND).
TYPICAL I2C WRITE TRANSACTION
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PINS A0 AND A1.
DATA
50h
A)
B)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
Figure 3. I2C Communication Examples


Similar Part No. - DS3502UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502U++ MAXIM-DS3502U+ Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U+TR MAXIM-DS3502U+TR Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
More results

Similar Description - DS3502UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3501 MAXIM-DS3501 Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
   Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com