Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-TO263-3-2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # P-TO263-3-2
Description  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

P-TO263-3-2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  P-TO263-3-2 Datasheet HTML 1Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 2Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 3Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 4Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 5Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 6Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 7Page - Infineon Technologies AG P-TO263-3-2 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2002-01-09
Page 1
Preliminary data
SPI47N10L
SPP47N10L,SPB47N10L
SIPMOS
 Power-Transistor
Product Summary
VDS
100
V
RDS(on)
26
m

ID
47
A
Feature
 N-Channel
 Enhancement mode
 Logic Level
175°C operating temperature
 Avalanche rated
 dv/dt rated
P-TO263-3-2
P-TO220-3-1
P-TO262-3-1
Marking
47N10L
47N10L
47N10L
Type
Package
Ordering Code
SPP47N10L
P-TO220-3-1
Q67040-S4177
SPB47N10L
P-TO263-3-2
Q67040-S4176
SPI47N10L
P-TO262-3-1
Q67060-S7432
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TC=25°C
TC=100°C
ID
47
33
A
Pulsed drain current
TC=25°C
ID puls
188
Avalanche energy, single pulse
ID=47 A , VDD=25V, RGS=25
EAS
400
mJ
Avalanche energy, periodic limited by Tjmax
EAR
17.5
Reverse diode dv/dt
IS=47A, VDS=0V, di/dt=200A/µs
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
175
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56


Similar Part No. - P-TO263-3-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
P-TO263-3-2 INFINEON-P-TO263-3-2 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2003-10-06
More results

Similar Description - P-TO263-3-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com