Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3155EIBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3155EIBZ
Description  짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3155EIBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3155EIBZ Datasheet HTML 1Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 2Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 3Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 4Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3155EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6363.1
ISL3150E, ISL3152E, ISL3153E,
ISL3155E, ISL3156E, ISL3158E
±16.5kV ESD (IEC61000-4-2) Protected,
Large Output Swing, 5V, Full Fail-Safe, 1/8
Unit Load, RS-485/RS-422 Transceivers
The ISL315xE are BiCMOS, IEC61000 ESD protected, 5V
powered, single transceivers that meet both the RS-485 and
RS-422 standards for balanced communication. Each driver
output and receiver input is protected against ±16.5kV ESD
strikes without latch-up.
The ISL315xE transmitters all deliver exceptional differential
output voltages (2.4V min), into the RS-485 required 54
Ω
load, for better noise immunity or to allow up to eight 120
Ω
terminations in “star” or other non-standard bus topologies.
These devices have very low bus currents (+125µA/-75µA),
so they present a true “1/8 unit load” to the RS-485 bus. This
allows up to 256 transceivers on the network without violating
the RS-485 specification’s 32 unit load maximum, and without
using repeaters.
Receiver (Rx) inputs feature a “Full Fail-Safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or on a terminated but undriven bus. Rx outputs
feature high drive levels - typically 28mA @ VOL = 1V (to ease
the design of optocoupled isolated interfaces).
The ISL3150E, ISL3152E, ISL3153E, ISL3155E utilize slew
rate limited drivers which reduce EMI, and minimize reflections
from improperly terminated transmission lines, or unterminated
stubs in multidrop and multipoint applications.
Hot Plug circuitry ensures that the Tx and Rx outputs remain
in a high impedance state until the power supply has
stabilized, and the Tx outputs are fully short circuit protected.
The ISL3150E, ISL3153E, ISL3156E are configured for full
duplex applications. The half duplex versions multiplex the
Rx inputs and Tx outputs to allow transceivers with output
disable functions in 8 Ld packages.
Features
• High Driver VOD . . . . . . . . . . . . . . 2.4V (Min) @ RD = 54Ω
Better Noise Immunity, or Drive Up to 8 Terminations
• IEC61000 ESD Protection on RS-485 I/O Pins . . ±16.5kV
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• Tiny MSOP Packages Save 50% Board Space
• Full Fail-safe (Open, Short, Terminated and Undriven)
Receivers
• High Rx IOL to Drive Opto-Couplers for Isolated
Applications
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• True 1/8 Unit Load Allows up to 256 Devices on the Bus
• Specified for Single 5V, 10% Tolerance, Supplies
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low Quiescent Supply Current . . . . . . . . . . . . . . . 600µA
Ultra Low Shutdown Supply Current . . . . . . . . . . . . 70nA
• -7V to +12V Common Mode Input Voltage Range
• Half and Full Duplex Pinouts
• Pb-free (RoHS compliant)
• Three-State Rx and Tx Outputs
• Current Limiting and Thermal Shutdown for Driver
Overload Protection
Applications
• Utility Meters and Automated Meter Reading Systems
• High Node Count Systems
• PROFIBUS® and Field Bus Networks, and Factory
Automation
• Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT PLUG
# DEVICES
ON BUS
Rx/Tx
ENABLE?
QUIESCENT
ICC (μA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3150E
Full
0.115
Yes
Yes
256
Yes
600
Yes
10, 14
ISL3152E
Half
0.115
Yes
Yes
256
Yes
600
Yes
8
ISL3153E
Full
1
Yes
Yes
256
Yes
600
Yes
10, 14
ISL3155E
Half
1
Yes
Yes
256
Yes
600
Yes
8
ISL3156E
Full
20
No
Yes
256
Yes
600
Yes
10, 14
ISL3158E
Half
20
No
Yes
256
Yes
600
Yes
8
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
January 18, 2008


Similar Part No. - ISL3155EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3155EIBZ INTERSIL-ISL3155EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3155EIBZ INTERSIL-ISL3155EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3155EIBZ INTERSIL-ISL3155EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3155EIBZ RENESAS-ISL3155EIBZ Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3155EIBZ INTERSIL-ISL3155EIBZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
More results

Similar Description - ISL3155EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com