Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7611DCPA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL7611DCPA
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7611DCPA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL7611DCPA Datasheet HTML 5Page - Intersil Corporation ICL7611DCPA Datasheet HTML 6Page - Intersil Corporation ICL7611DCPA Datasheet HTML 7Page - Intersil Corporation ICL7611DCPA Datasheet HTML 8Page - Intersil Corporation ICL7611DCPA Datasheet HTML 9Page - Intersil Corporation ICL7611DCPA Datasheet HTML 10Page - Intersil Corporation ICL7611DCPA Datasheet HTML 11Page - Intersil Corporation ICL7611DCPA Datasheet HTML 12Page - Intersil Corporation ICL7611DCPA Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN2919.9
April 26, 2007
FIGURE 19. OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 20. OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE
FIGURE 21. OUTPUT SOURCE CURRENT vs SUPPLY VOLTAGE
FIGURE 22. OUTPUT SINK CURRENT vs SUPPLY VOLTAGE
FIGURE 23. OUTPUT VOLTAGE vs LOAD RESISTANCE
FIGURE 24. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (IQ = 1mA)
Typical Performance Curves (Continued)
16
14
12
10
8
6
4
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
TA = +25°C
RL = 100kΩ - 1MΩ
RL = 10kΩ
12
10
8
6
4
2
0
-75
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
VSUPP = 10V
IQ = 1mA
40
30
20
10
0
02
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
IQ = 1mA
0.01
0.1
1.0
10
02
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
IQ = 10μA
IQ = 100μA
IQ = 1mA
16
14
12
10
8
6
4
2
0
0.1
1.0
10
100
LOAD RESISTANCE (k
Ω)
V+ - V- = 10V
IQ = 1mA
TA = +25°C
8
6
4
2
0
-2
-4
-6
02
46
8
10
12
TIME (
μs)
TA = +25°C, VSUPP = 10V
RL = 10kΩ, CL = 100pF
OUTPUT
INPUT
ICL7611, ICL7612


Similar Part No. - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Maxim Integrated Produc...
ICL7611DCPA MAXIM-ICL7611DCPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611DCPA RENESAS-ICL7611DCPA Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPAZ INTERSIL-ICL7611DCPAZ Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com