Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5216KI-1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL5216KI-1
Description  Four-Channel Programmable Digital Downconverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI-1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL5216KI-1 Datasheet HTML 2Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 3Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 4Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 5Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 6Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 7Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 8Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 9Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
6
FN6013.3
July 13, 2007
Functional Description
The ISL5216 is a 4-channel digital receiver integrated circuit
offering exceptional dynamic range and flexibility. Each of
the four channels consists of a front-end NCO, digital mixer,
and CIC-filter block and a back-end FIR, AGC and Cartesian
to polar coordinate-conversion block. The parameters for the
four channels are independently programmable. Four 17-bit
parallel data input busses (A(15:-1), B(15:-1), C(15:-1) and
D(15:-1)) and four pairs of serial data outputs (SDxA, SDxB,
SDxC, and SDxD; x = 1 or 2) are provided. Each input can
be connected to any or all of the internal signal processing
channels, Channels 0, 1, 2 and 3. The output of each
channel can be routed to any of the serial outputs. Outputs
from more than one channel can be multiplexed through a
common output if the channels are synchronized. The four
channels share a common input clock and a common serial
output clock, but the output sample rates can be
synchronous or asynchronous. Bus multiplexers between
the front end and back end sections provide flexible routing
between channels for cascading back-end filters or for
routing one front end to multiple back ends for polyphase
filtering or systolic arrays (to provide wider bandwidth
filtering). A level detector is provided to monitor the signal
level on any of the parallel data input busses, facilitating
microprocessor control of gain blocks prior to an A/D
converter.
Each front end NCO/digital mixer/CIC filter section includes
a quadrature numerically controlled oscillator (NCO), digital
mixer, barrel shifter and a cascaded-integrator-comb filter
(CIC). The NCO has a 32-bit frequency control word for
22.1mHz tuning resolution at an input sample rate of
95MSPS. The SFDR of the NCO is >115dB. The CIC filter
order is programmable between 1 and 5 and the CIC
decimation factor can be programmed from 4 to 512 for 5th
order, 2048 for 4th order, 32768 for 3rd order, or 65536 for
1st or 2nd order filters.
Each channel back end section includes an FIR processing
block, an AGC and a cartesian-to-polar coordinate
converter. The FIR processing block is a flexible filter
compute engine that can compute a single FIR or a set of
cascaded decimating, interpolating or resampling filters. A
single filter in a chain can have up to 256 taps and the total
number of taps in a set of filters can be up to 384 provided
that the decimation is sufficient. The ISL5216 calculates two
taps per clock (on each channel) for symmetric filters,
generally making decimation the limiting factor for the
number of taps available. The filter compute engine supports
a variety of filter types including decimation, interpolation
and resampling filters. The coefficients for the programmable
digital filters are 22 bits wide. Coefficients are provided in
ROM for several halfband filter responses and for a
resampler. The AGC section can provide up to 96dB of
either fixed or automatic gain control. For automatic gain
control, two settling modes and two sets of loop gains are
provided. Separate attack and decay slew rates are provided
for each loop gain. Programmable limits allow the user to
select a gain range less than 96dB. The outputs of the
cartesian-to-polar coordinate conversion block, used by the
AGC loop, are also provided as outputs to the user for AM
and FM demodulation.
The ISL5216 supports both fixed and floating point parallel
data input modes. The floating point modes support gain
ranging A/D converters. Gated, interpolated and multiplexed
data input modes are supported. The serial data output word
width for each data type can be programmed to one of ten
output bit widths from 4-bit fixed point through 32-bit IEEE
754 floating point.
The ISL5216 is programmed through a 16-bit
microprocessor interface. The output data can also be read
via the microprocessor interface for all channels that are
synchronized. The ISL5216 is specified to operate to a
maximum clock rate of 95MSPS over the industrial
temperature range (-40°C to 85°C). The I/O power supply
voltage range is 3.3V
± 0.165V while the core power supply
voltage is 2.5V
± 0.125V. The I/Os are 5V tolerant.
RD
or
RD/WR
I
Microprocessor Interface Read or Read/Write Signal. When the Microprocessor Interface Mode Control,
μP
MODE, is a low the data from the address specified is placed on P(15:0) when RD is asserted (low) and CE
is asserted (low). When the
μP MODE control is high this input functions as a Read/Write control input. Data
is read from P(15:0) when high or written to the appropriate register when low. See Microprocessor Interface
Section.
μP MODE
I
Microprocessor Interface Mode Control. This pin is used to select the Read/Write mode for the Microprocessor
Interface. Internally pulled down. See Microprocessor Interface Section.
CE
I
Microprocessor Interface Chip Select. Active low. This pin has the same timing as the address pins.
INTRPT
O
Microprocessor Interrupt Signal. Asserted for a programmable number of clock cycles when new data is
available on the selected Channel.
Pin Descriptions (Continued)
NAME
TYPE
DESCRIPTION
ISL5216


Similar Part No. - ISL5216KI-1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216KI-1 RENESAS-ISL5216KI-1 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

Similar Description - ISL5216KI-1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com