Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3294E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3294E
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3294E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3294E Datasheet HTML 4Page - Intersil Corporation ISL3294E Datasheet HTML 5Page - Intersil Corporation ISL3294E Datasheet HTML 6Page - Intersil Corporation ISL3294E Datasheet HTML 7Page - Intersil Corporation ISL3294E Datasheet HTML 8Page - Intersil Corporation ISL3294E Datasheet HTML 9Page - Intersil Corporation ISL3294E Datasheet HTML 10Page - Intersil Corporation ISL3294E Datasheet HTML 11Page - Intersil Corporation ISL3294E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN6544.0
September 19, 2007
Driver Disable from Output
High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3)
Full
-
30, 22
60
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3)
Full
-
25, 20
60
ns
NOTES:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
8. Applies to peak current. See “Typical Performance Curves” on page 12 for more information.
9. tSKPP is the magnitude of the difference in propagation delays of the specified terminals of two units tested with identical test conditions (VCC,
temperature, etc.).
10. If the driver enable function isn’t needed, connect DE to VCC (or VL) through a 1kΩ to 3kΩ resistor.
11. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
12. Due to the high short circuit current at VCC > 3.6V, the outputs must not be shorted outside the range of GND to VCC or damage may occur. To
prevent excessive power dissipation that may damage the output, the short circuit current should be limited to
≤ 300mA during testing. It is best
to use an external resistor for this purpose, since the current limiting on the VO supply may respond too slowly to protect the output.
13. Typicals are measured at VCC = 3.3V for parameters specified with 3V ≤ VCC ≤ 3.6V, and are measured at VCC = 5V for parameters specified
with 4.5V
≤ V
CC ≤ 5.5V. If VCC isn’t specified, then a single “TYP” entry applies to both VCC = 3.3V and 5V, and two entries separated by a
comma refer to VCC = 3.3V and 5V, respectively.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications
Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL3296E, ISL3297E, ISL3298E only); Typicals are at
TA =+25°C; Unless Otherwise Specified. (Note 7) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
(Note 13)
MAX
(Note 11)
UNITS
D
DE
DI
VCC OR VL
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC OR VL
VOD
375
Ω
375
Ω
Z
Y
RL = 60Ω
VCM
-7V TO +12V
ISL3293E, ISL3294E, ISL3295E, ISL3296E, ISL3297E, ISL3298E


Similar Part No. - ISL3294E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3294E RENESAS-ISL3294E Datasheet
986Kb / 17P
   High node count systems
ISL3294EFHZ-T RENESAS-ISL3294EFHZ-T Datasheet
986Kb / 17P
   High node count systems
ISL3294EIHZ-T RENESAS-ISL3294EIHZ-T Datasheet
986Kb / 17P
   High node count systems
More results

Similar Description - ISL3294E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com