Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84541IH-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84541IH-T
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84541IH-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84541IH-T Datasheet HTML 5Page - Intersil Corporation ISL84541IH-T Datasheet HTML 6Page - Intersil Corporation ISL84541IH-T Datasheet HTML 7Page - Intersil Corporation ISL84541IH-T Datasheet HTML 8Page - Intersil Corporation ISL84541IH-T Datasheet HTML 9Page - Intersil Corporation ISL84541IH-T Datasheet HTML 10Page - Intersil Corporation ISL84541IH-T Datasheet HTML 11Page - Intersil Corporation ISL84541IH-T Datasheet HTML 12Page - Intersil Corporation ISL84541IH-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Detailed Description
The ISL84541–ISL84544 dual analog switches offer precise
switching capability from a single 2.7V to 12V supply with
low on-resistance (30
Ω) and high speed operation
(tON =35ns, tOFF = 25ns). The devices are especially well
suited to portable battery powered equipment thanks to the
low operating supply voltage (2.7V), low power consumption
(5
µW), low leakage currents (100pA max), and the tiny
SOT-23 packaging. High frequency applications also benefit
from the wide bandwidth, and the very high off isolation and
crosstalk rejection.
Supply Sequencing And Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 8). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and input signal voltages
must remain between V+ and GND. If these conditions cannot
be guaranteed, then one of the following two protection
methods should be employed.
Logic inputs can easily be protected by adding a 1k
Ω resistor
in series with the input (see Figure 8). The resistor limits the
input current below the threshold that produces permanent
damage, and the sub-microamp input current produces an
insignificant voltage drop during normal operation.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal diodes
can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 8). These
additional diodes limit the analog signal from 1V below V+ to
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch resistance may
increase, especially at low supply voltages.
Power-Supply Considerations
The ISL8454X construction is typical of most CMOS analog
switches, except that they have only two supply pins: V+ and
GND. V+ and GND drive the internal CMOS switches and set
their analog voltage limits. Unlike switches with a 13V maximum
supply voltage, the ISL8454X 15V maximum supply voltage
provides plenty of room for the 10% tolerance of 12V supplies,
as well as room for overshoot and noise spikes.
The minimum recommended supply voltage is 2.7V. It is
important to note that the input signal range, switching times,
and on-resistance degrade at lower supply voltages. Refer to
the electrical specification tables and Typical Performance
curves for details.
V+ and GND also power the internal logic and level shifters.
The level shifters convert the logic levels to switched V+ and
GND signals to drive the analog switch gate terminals.
This family of switches cannot be operated with bipolar
supplies, because the input switching point becomes negative
in this configuration.
Logic-Level Thresholds
This switch family is TTL compatible (0.8V and 2.4V) over a
supply range of 3V to 11V (see Figure 15). At 12V the VIH
level is about 2.5V. This is still below the TTL guaranteed
high output minimum level of 2.8V, but noise margin is
reduced. For best results with a 12V supply, use a logic
family the provides a VOH greater than 3V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
High-Frequency Performance
In 5
0Ω systems, signal response is reasonably flat even past
300MHz (see Figure 16). Figure 16 also illustrates that the
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An off switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough, while Crosstalk indicates
the amount of feedthrough from one switch to another.
Figure 17 details the high Off Isolation and Crosstalk
rejection provided by this family. At 10MHz, off isolation is
about 50dB in 5
0Ω systems, decreasing approximately 20dB
per decade as frequency increases. Higher load impedances
decrease Off Isolation and Crosstalk rejection due to the
voltage divider action of the switch OFF impedance and the
load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND.
One of these diodes conducts if any analog signal exceeds
V+ or GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
GND
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
FIGURE 8. OVERVOLTAGE PROTECTION
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84541IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84541IH-T INTERSIL-ISL84541IH-T Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84541IH-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com