Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL41334IRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL41334IRZ-T
Description  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL41334IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN6202.3
November 21, 2007
Typical Operating Circuit
RS-232 MODE WITHOUT LOOPBACK
RS-485 MODE WITHOUT LOOPBACK
RS-232 MODE WITH LOOPBACK
RS-485 MODE WITH LOOPBACK
26
VCC
Y1
Z1
DY1
DZ1
0.1µF
+
0.1µF
+
0.1µF
22
23
6
7
1
2
3
15
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
28
27
RA1
A1
4
5k
Ω
RB1
B1
525
5k
Ω
C1
C2
+ C3
C4
GND
+5V
+
0.1µF
14
SEL1
ON/OFF
820
VCC
NOTE: PINOUT FOR SOIC AND SSOP
24
LB
21
VCC
SAME FOR PORT 2.
R
R
D
D
26
VCC
Y1
Z1
DY1
0.1µF
+
0.1µF
+
0.1µF
22
6
7
1
2
3
15
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
28
27
RA1
A1
4
RB1
B1
5
25
C1
C2
+ C3
C4
LB
21
GND
+5V
+
0.1
μF
14
SEL1
820
VCC
VCC
DE1
23
VCC
NOTE: PINOUT FOR SOIC AND SSOP
24
D
R
VCC
ON/OFF
SAME FOR PORT 2.
26
VCC
Y1
Z1
DY1
DZ1
0.1µF
+
0.1µF
+
0.1µF
22
23
6
7
1
2
3
15
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
28
27
RA1
5k
Ω
RB1
25
5k
Ω
C1
C2
+ C3
C4
GND
+5V
+
0.1µF
14
SEL1
ON/OFF
8
20
VCC
NOTE: PINOUT FOR SOIC AND SSOP
24
LB
21
GND
SAME FOR PORT 2.
R
R
D
D
A1
4
B1
5
LB
Rx
26
VCC
Y1
Z1
DY1
0.1µF
+
0.1µF
+
0.1µF
22
6
7
1
2
3
15
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
28
27
RA1
RB1
25
C1
C2
+ C3
C4
LB
21
GND
+5V
+
0.1µF
14
SEL1
820
VCC
GND
DE1
23
VCC
NOTE: PINOUT FOR SOIC AND SSOP
24
D
R
VCC
ON/OFF
SAME FOR PORT 2.
A1
4
B1
5
LB
Rx
ISL81334, ISL41334


Similar Part No. - ISL41334IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL41334IRZ-T RENESAS-ISL41334IRZ-T Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T7A RENESAS-ISL41334IRZ-T7A Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
More results

Similar Description - ISL41334IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com