Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81334IAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL81334IAZ
Description  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81334IAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL81334IAZ Datasheet HTML 4Page - Intersil Corporation ISL81334IAZ Datasheet HTML 5Page - Intersil Corporation ISL81334IAZ Datasheet HTML 6Page - Intersil Corporation ISL81334IAZ Datasheet HTML 7Page - Intersil Corporation ISL81334IAZ Datasheet HTML 8Page - Intersil Corporation ISL81334IAZ Datasheet HTML 9Page - Intersil Corporation ISL81334IAZ Datasheet HTML 10Page - Intersil Corporation ISL81334IAZ Datasheet HTML 11Page - Intersil Corporation ISL81334IAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN6202.3
November 21, 2007
Input Low Voltage
VIL1
VL = VCC if QFN
Full
-
1.4
0.8
V
VIL2
VL = 3.3V (QFN Only)
Full
-
1
0.7
V
VIL3
VL = 2.5V (QFN Only)
Full
-
-
0.5
V
Input Current
IIN1
Pins Without Pull-ups or Pull-downs
Full
-2
-
2
µA
IIN2
LB, ON/OFF, DE, SP (QFN), RXEN (QFN)
Full
-25
-
25
µA
DC CHARACTERISTICS - RS-485 RECEIVER INPUTS (SEL = VCC)
Receiver Differential Threshold
Voltage
VTH
-7V
≤ V
CM ≤ 12V, Full Failsafe
Full
-0.2
-
-0.04
V
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
35
-
mV
Receiver Input Current (A, B)
IIN
VCC = 0V or 4.5 to 5.5V
VIN = 12V
Full
-
-
0.8
mA
VIN = -7V
Full
-0.64
-
-
mA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V, VCC = 0 (Note 9) or
4.5V
≤ V
CC ≤ 5.5V
Full
15
-
-
k
Ω
DC CHARACTERISTICS - RS-232 RECEIVER INPUTS (SEL = GND)
Receiver Input Voltage Range
VIN
Full
-25
-
25
V
Receiver Input Threshold
VIL
Full
-
1.4
0.8
V
VIH
Full
2.4
1.9
-
V
Receiver Input Hysteresis
ΔVTH
25
-
0.5
-
V
Receiver Input Resistance
RIN
VIN = ±15V, VCC Powered Up (Note 9)
Full
3
5
7
k
Ω
DC CHARACTERISTICS - RECEIVER OUTPUTS (485 OR 232 MODE)
Receiver Output High Voltage
VOH1
IO = -2mA (VL = VCC if QFN)
Full
3.5
4.6
-
V
VOH2
IO = -650µA, VL = 3V (QFN Only)
Full
2.6
2.9
-
V
VOH3
IO = -500µA, VL = 2.5V (QFN Only)
Full
2
2.4
-
V
Receiver Output Low Voltage
VOL
IO = 3mA
Full
-
0.1
0.4
V
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
7
-
85
mA
Receiver Three-State Output
Current
IOZR
Output Disabled, 0V
≤ V
O ≤ VCC (or VL for QFN)
Full
-
-
±10
µA
Unused Receiver (RB) Pull-Up
Resistance
ROBZ
ON/OFF = VCC, SELX = VCC (RS-485 Mode)
25
-
40
-
k
Ω
POWER SUPPLY CHARACTERISTICS
No-Load Supply Current (Note 7)
ICC232
SEL1 or SEL2 = GND, LB = ON/OFF = VCC
Full
-
3.7
7
mA
ICC485
SEL 1 and 2 = LB = DE = ON/OFF = VCC
Full
-
1.6
5
mA
Shutdown Supply Current
ISHDN232 ON/OFF = SELX = GND, LB = VCC, (SPX = VCC
if QFN)
Full
-
25
50
µA
ISHDN485 ON/OFF = DEX = GND, SELX =
LB = VCC, (SPX = GND if QFN)
SOIC/SSOP
Full
-
42
80
µA
QFN
Full
-
80
160
µA
ESD CHARACTERISTICS
Bus Pins (A, B, Y, Z) Any Mode
Human Body Model
25
-
15
-
kV
All Other Pins
Human Body Model
25
-
4
-
kV
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 6). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
MAX
(Note 11) UNITS
ISL81334, ISL41334


Similar Part No. - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL81334IAZ RENESAS-ISL81334IAZ Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Similar Description - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com