Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78010ANZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78010ANZ
Description  Automotive Grade TFT-LCD Power Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78010ANZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78010ANZ Datasheet HTML 1Page - Intersil Corporation ISL78010ANZ Datasheet HTML 2Page - Intersil Corporation ISL78010ANZ Datasheet HTML 3Page - Intersil Corporation ISL78010ANZ Datasheet HTML 4Page - Intersil Corporation ISL78010ANZ Datasheet HTML 5Page - Intersil Corporation ISL78010ANZ Datasheet HTML 6Page - Intersil Corporation ISL78010ANZ Datasheet HTML 7Page - Intersil Corporation ISL78010ANZ Datasheet HTML 8Page - Intersil Corporation ISL78010ANZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6501.0
ISL78010
Automotive Grade TFT-LCD Power Supply
The ISL78010 is a multiple output regulator for use in all
TFT-LCD automotive applications. It features a single boost
converter with an integrated 2A FET, two positive LDOs for
VON and VLOGIC generation, and a single negative LDO for
VOFF generation. The boost converter can be programmed
to operate in either P-mode for optimal transient response or
PI-mode for improved load regulation.
The ISL78010 includes fault protection for all four channels.
Once a fault is detected on either the VBOOST, VON or VOFF
channels, the device is latched off until the input supply or
EN is cycled. If a fault is detected on the VLOGIC channel,
the device is latched off until the input supply is cycled. The
VLOGIC channel is not affected by the EN function.
The ISL78010 also includes an integrated start-up sequence
for VLOGIC, VBOOST, VOFF, then VON or for VLOGIC, VOFF,
VBOOST, and VON. The latter sequence requires a single
external transistor. The timing of the start-up sequence is set
using an external capacitor.
The ISL78010 comes in a 32 Ld 5x5 TQFP package and is
specified for operation over a -40°C to +105°C temperature
range.
Features
• 2A current FET
• 3V to 5V input
• Up to 20V boost output
• 1% regulation on boost output
•VLOGIC-VBOOST-VOFF-VON or
VLOGIC-VOFF-VBOOST-VON sequence control
• Programmable sequence delay
• Fully fault protected
• Thermal shutdown
• Internal soft-start
• 32 Ld 5x5 TQFP packages
• Pb-free plus anneal available (RoHS compliant)
Applications
• All Automotive LCD Displays
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL78010ANZ*
78010ANZ
32 Ld 5x5 TQFP
Q32.5x5
*Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pinout
ISL78010
(32 LD 5X5 TQFP)
TOP VIEW
NC
NC
DELB
NC
LX
NC
DRVP
NC
VREF
NC
PGND
PGND
PGND
PGND
NC
FBN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
17
18
19
20
21
22
23
24
32 31 30 29 28 27 26 25
Data Sheet
May 30, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL78010ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Renesas Technology Corp
ISL78010ANZ RENESAS-ISL78010ANZ Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results

Similar Description - ISL78010ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ-T INTERSIL-ISL78419ARZ-T Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com