Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83387EIV Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL83387EIV
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387EIV Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL83387EIV Datasheet HTML 3Page - Intersil Corporation ISL83387EIV Datasheet HTML 4Page - Intersil Corporation ISL83387EIV Datasheet HTML 5Page - Intersil Corporation ISL83387EIV Datasheet HTML 6Page - Intersil Corporation ISL83387EIV Datasheet HTML 7Page - Intersil Corporation ISL83387EIV Datasheet HTML 8Page - Intersil Corporation ISL83387EIV Datasheet HTML 9Page - Intersil Corporation ISL83387EIV Datasheet HTML 10Page - Intersil Corporation ISL83387EIV Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6040.1
July 8, 2005
mode an RC time constant after this rising edge. The time
constant isn’t critical, because the ISL83387E remains
powered up for 30 seconds after the FORCEON falling edge,
even if there are no signal transitions. This gives slow-to-
wake systems (e.g., a mouse) plenty of time to start
transmitting, and as long as it starts transmitting within 30
seconds both systems remain enabled.
VL Logic Supply Input
Unlike other RS-232 interface devices where the CMOS
outputs swing between 0 and VCC, the ISL83387E features
a separate logic supply input (VL; 1.8V to 5V, regardless of
VCC) that sets VOH for the receiver and INVALID outputs.
Connecting VL to a host logic supply lower than VCC,
prevents the ISL83387E outputs from forward biasing the
input diodes of a logic device powered by that lower supply.
Connecting VL to a logic supply greater than VCC ensures
that the receiver and INVALID output levels are compatible
even with the CMOS input VIH of AC, HC, and CD4000
devices. Note that the VL supply current increases to 100µA
with VL = 5V and VCC = 3.3V (see Figure 16). VL also
powers the transmitter and logic inputs, thereby setting their
switching thresholds to levels compatible with the logic
supply. This separate logic supply pin allows a great deal of
flexibility in interfacing to systems with different logic
supplies. If logic translation isn’t required, connect VL to the
ISL83387E VCC.
INVALID Output
The INVALID output always indicates (see Table 2) whether
or not 30
µs have elapsed with invalid RS-232 signals (see
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR XMTR
EDGE WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
RS-232 LEVEL
PRESENT AT
RECEIVER INPUT?
INVALID
OUTPUT
MODE OF OPERATION
NO
H
H
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
YES
H
YES
H
L
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
YES
H
NO
H
L
High-Z
Active
NO
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
YES
H
X
L
X
High-Z
Active
NO
L
Manual Powerdown
X
L
X
High-Z
Active
YES
H
INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 3
NOTE 3
Active
Active
YES
H
Normal Operation
X
NOTE 3
NOTE 3
High-Z
Active
NO
L
Forced Auto Powerdown
NOTES:
3. Input is connected to INVALID Output.
FIGURE 2. CONNECTIONS FOR MANUAL POWERDOWN
PWR
FORCEOFF, FORCEON
CPU
I/O
ISL83387E
MGT
LOGIC
UART
VL
I/O CHIP
POWER SUPPLY
VCC
INVALID
FIGURE 3. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1
µF
MANAGEMENT
UNIT
ISL83387E
ISL83387E


Similar Part No. - ISL83387EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
logo
Renesas Technology Corp
ISL83387EIV RENESAS-ISL83387EIV Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV-T INTERSIL-ISL83387EIV-T Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results

Similar Description - ISL83387EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ISL83387E INTERSIL-ISL83387E Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com