Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV048A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS90LV048A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV048A Datasheet(HTML) 2 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
Input Voltage (R
IN+,RIN−)
−0.3V to 3.9V
Enable Input Voltage (EN, EN*)
−0.3V to (V
CC + 0.3V)
Output Voltage (R
OUT)
−0.3V to (V
CC + 0.3V)
Maximum Package Power Dissipation +25˚C
M Package
1025 mW
MTC Package
866 mW
Derate M Package
8.2 mW/˚C above +25˚C
Derate MTC Package
6.9 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range Soldering
(4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Rating (Note 10)
(HBM, 1.5 k
Ω, 100 pF)
≥ 10 kV
(EIAJ, 0
Ω, 200 pF)
≥ 1200 V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+3.0
+3.3
+3.6
V
Receiver Input Voltage
GND
+3.0
V
Operating Free Air
Temperature (T
A)
−40
25
+85
˚C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
TH
Differential Input High Threshold
V
CM = +1.2V, 0.05V, 2.95V (Note 13)
R
IN+,
−35
0
mV
V
TL
Differential Input Low Threshold
R
IN−
−100
−35
mV
VCMR
Common-Mode Voltage Range
VID = 200mV pk to pk (Note 5)
0.1
2.3
V
I
IN
Input Current
V
IN = +2.8V
V
CC = 3.6V or 0V
−10
±5
+10
µA
V
IN = 0V
−10
±1
+10
µA
V
IN = +3.6V
V
CC = 0V
-20
±1
+20
µA
V
OH
Output High Voltage
I
OH = −0.4 mA, VID = +200 mV
R
OUT
2.7
3.3
V
I
OH = −0.4 mA, Input terminated
2.7
3.3
V
I
OH = −0.4 mA, Input shorted
2.7
3.3
V
V
OL
Output Low Voltage
I
OL = 2 mA, VID = −200 mV
0.05
0.25
V
I
OS
Output Short Circuit Current
Enabled, V
OUT = 0V (Note 11)
−15
−47
−100
mA
I
OZ
Output TRI-STATE Current
Disabled, V
OUT =0VorVCC
−10
±1
+10
µA
V
IH
Input High Voltage
EN,
EN*
2.0
V
CC
V
V
IL
Input Low Voltage
GND
0.8
V
I
I
Input Current
V
IN =0VorVCC, Other Input = VCC or GND
−10
±5
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
CC
No Load Supply Current
Receivers Enabled
EN=V
CC, Inputs Open
V
CC
915
mA
I
CCZ
No Load Supply Current
EN = GND, Inputs Open
1
5
mA
Receivers Disabled
Switching Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Notes 3, 4, 7, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 15 pF
1.2
2.0
2.7
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.2
1.9
2.7
ns
t
SKD1
Differential Pulse Skew |t
PHLD −tPLHD| (Note 6)
(
Figure 1 and Figure 2)
0
0.1
0.4
ns
t
SKD2
Differential Channel-to-Channel Skew; same device
(Note 7)
0
0.15
0.5
ns
t
SKD3
Differential Part to Part Skew (Note 8)
1.0
ns
t
SKD4
Differential Part to Part Skew (Note 9)
1.5
ns
t
TLH
Rise Time
0.5
1.0
ns
t
THL
Fall Time
0.35
1.0
ns
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90C032_07LVDS Quad CMOS Differential Line Receiver Coming SoonNational Semiconductor (TI)
DS90C032B_03LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B_053V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A_033V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C32ACMOS quad tri-state differential line receiver 1 2 3 4 5 MoreSTMicroelectronics
SN65LVDS048A_06LVDS QUAD DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
DS90C031B_01LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ADN46673 V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreAnalog Devices
DS90LT012A_083V LVDS Single CMOS Differential Line Receiver Coming SoonNational Semiconductor (TI)
DS90LV018A_053V LVDS Single CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn