Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV031B Datasheet(HTML) 2 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
Input Voltage (D
IN)(Note 2)
−0.6V to (V
CC + 0.3V)
Enable Input Voltage (EN,
EN*)(Note 2)
−0.6V to (V
CC + 0.3V)
Output Voltage (D
OUT+,
D
OUT−)(Note 2)
−0.6V to +3.9V
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1088 mW
Derate M Package
8.5 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 7kV
(EIAJ, 0
Ω, 200 pF)
≥ 500 V
(CDM)
≥ 1250 V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+3.0
+3.3
+3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 3, 4, 5)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100
Ω (Figure 1)D
OUT−
D
OUT+
250
350
450
mV
∆V
OD1
Change in Magnitude of V
OD1 for
Complementary Output States
4
35
|mV|
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
5
25
|mV|
V
OH
Output Voltage High
1.38
1.6
V
V
OL
Output Voltage Low
0.90
1.03
V
V
IH
Input Voltage High
D
IN,
EN,
EN*
2.0
V
CC
V
V
IL
Input Voltage Low
GND
0.8
V
I
IH
Input Current
V
IN =VCC or 2.5V
−10
±1
+10
µA
I
IL
Input Current
V
IN = GND or 0.4V
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
OS
Output Short Circuit Current
ENABLED, (Note 11)
D
IN =VCC,DOUT+ =0Vor
D
IN = GND, DOUT− =0V
D
OUT−
D
OUT+
−6.0
−9.0
mA
I
OSD
Differential Output Short Circuit
Current
ENABLED, V
OD = 0V (Note 11)
−6.0
−9.0
mA
I
OFF
Power-off Leakage
V
OUT = 0V or 3.6V,
V
CC = 0V or Open
−20
±1
+20
µA
I
OZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V
V
OUT = 0VorVCC
−10
±1
+10
µA
I
CC
No Load Supply Current Drivers
Enabled
D
IN =VCC or GND
V
CC
5.0
8.0
mA
I
CCL
Loaded Supply Current Drivers
Enabled
R
L = 100
Ω All Channels,
D
IN =VCC or GND (all inputs)
23
30
mA
I
CCZ
No Load Supply Current Drivers
Disabled
D
IN =VCC or GND,
EN = GND, EN* = V
CC
2.6
6.0
mA
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn