Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6203 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL6203
Description  Laser Driver Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203 Datasheet(HTML) 2 Page - Intersil Corporation

  EL6203_07 Datasheet HTML 1Page - Intersil Corporation EL6203_07 Datasheet HTML 2Page - Intersil Corporation EL6203_07 Datasheet HTML 3Page - Intersil Corporation EL6203_07 Datasheet HTML 4Page - Intersil Corporation EL6203_07 Datasheet HTML 5Page - Intersil Corporation EL6203_07 Datasheet HTML 6Page - Intersil Corporation EL6203_07 Datasheet HTML 7Page - Intersil Corporation EL6203_07 Datasheet HTML 8Page - Intersil Corporation EL6203_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN7218.3
August 13, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Applied Voltages
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
RFREQ, RAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Recommended Operating Conditions
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2V to 3V
RFREQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kΩ (min)
RAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25kΩ (min)
fOSC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60MHZ to 600MHz
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10mAP-P to 100mAP-P
Operating Ambient Temperature Range . . . . . . . . . . . 0°C to +70°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mAP-P
Power Dissipation (max) . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Supply and Voltage Characteristics
VDD = +5V, TA = +25°C, RL = 10Ω, RFREQ = 5210Ω (fOSC = 350MHz), RAMP = 2540Ω
(IOUT = 50mAP-P measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
PSOR
Power Supply Operating Range
4.5
5.5
V
ISO
Supply Current Disabled
VOUT < VCUTOFF
550
750
µA
ISTYP
Supply Current Typical Conditions
RFREQ = 5.21kΩ, RAMP = 2.54kΩ
18.5
22
mA
ISLO
Supply Current Low Conditions
RFREQ = 30.5kΩ, RAMP = 12.7kΩ
4.75
mA
ISHI
Supply Current High Conditions
RFREQ = 3.05kΩ, RAMP = 1.27kΩ
32
mA
VFREQ
Voltage at RFREQ Pin
1.27
V
VRAMP
Voltage on RAMP Pin
1.27
V
VCUTOFF
Monitoring Voltage of IOUT Pin
1.1
1.4
V
Oscillator Characteristics VDD = +5V, TA = +25°C, RL = 10Ω, RFREQ = 5210Ω (fOSC = 350MHz), RAMP = 2540Ω (IOUT = 50mAP-P
measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
fOSC
Frequency Tolerance
Unit-unit frequency variation
300
350
400
MHz
fHIGH
Frequency Range High
RFREQ = 3.05kΩ
600
MHz
fLOW
Frequency Range Low
RFREQ = 30.5kΩ
60
MHz
TCOSC
Frequency Temperature Sensitivity
0°C to +70°C ambient
50
ppm/°C
PSRROSC
Frequency Change
ΔF/F
VDD from 4.5V to 5.5V
1
%
Driver Characteristics
VDD = +5V, TA = +25°C, RL = 10Ω, RFREQ = 30.5kΩ (fOSC = 60MHz), RAMP = 2540Ω (IOUT = 50mAP-P
measured at 60MHz), VOUT = 2.2V
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
AMPHIGH
Amplitude Range High
RAMP = 1.27kΩ
100
mAP-P
AMPLOW
Amplitude Range Low
RAMP = 12.7kΩ
10
mAP-P
IOSNOM
Offset Current @ 2.2V
RFREQ = 5210Ω, VOUT = 2.2V
-4
mA
IOSHIGH
Offset Current @ 2.8V
RFREQ = 5210Ω, VOUT = 2.8V
-4.8
mA
EL6203


Similar Part No. - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203CW RENESAS-EL6203CW Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
EL6203CW-T13 RENESAS-EL6203CW-T13 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203CW-T7 INTERSIL-EL6203CW-T7 Datasheet
169Kb / 10P
   Laser Driver Oscillator
More results

Similar Description - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com