Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6203 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL6203
Description  Laser Driver Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203 Datasheet(HTML) 4 Page - Intersil Corporation

  EL6203_07 Datasheet HTML 1Page - Intersil Corporation EL6203_07 Datasheet HTML 2Page - Intersil Corporation EL6203_07 Datasheet HTML 3Page - Intersil Corporation EL6203_07 Datasheet HTML 4Page - Intersil Corporation EL6203_07 Datasheet HTML 5Page - Intersil Corporation EL6203_07 Datasheet HTML 6Page - Intersil Corporation EL6203_07 Datasheet HTML 7Page - Intersil Corporation EL6203_07 Datasheet HTML 8Page - Intersil Corporation EL6203_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7218.3
August 13, 2007
Typical Performance Curves - VDD = 5V, TA = +25°C, RL = 10Ω, RFREQ = 5.21kΩ, RAMP = 2.54kΩ, VOUT = 2.2V unless
otherwise specified.
FIGURE 1. FREQUENCY DISTRIBUTION
FIGURE 2. FREQUENCY DRIFT WITH TEMPERATURE
FIGURE 3. FREQUENCY vs RFREQ
FIGURE 4. FREQUENCY vs 1/RFREQ
FIGURE 5. OUTPUT CURRENT vs RAMP
FIGURE 6. OUTPUT CURRENT vs 1/RAMP
0
100
500
FREQUENCY (MHz)
200
300
400
Typical
Production
Distortion
0
1
8
FREQUENCY TC (ppm/°C)
3
5
7
Measured from
-40°C to +85°C
2
4
6
0
200
400
500
600
700
RFREQ (kΩ)
0
5
15
25
35
10
20
30
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
0
200
400
500
600
700
1k
Ω / RFREQ
0
0.05
0.15
0.25
0.35
0.1
0.2
0.3
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
0
40
80
120
160
180
RAMP (kΩ)
02
6
10
14
48
12
20
60
100
140
(over-shoot included)
Amplitude PK-PK=127 * 1kΩ / RAMP (mA)
measured @60MHz
(over-shoot not included)
IOUT PK-PK measured @60/350/600MHz
0
40
80
120
160
180
1k
Ω / RAMP
0
0.1
0.5
0.7
0.9
0.3
0.6
0.8
20
60
100
140
0.2
0.4
(over-shoot included)
(over-shoot not included)
IOUT PK-PK measured @60/350/600MHz
Amplitude PK-PK=
127 * 1k
Ω / RAMP (mA)
measured @60MHz
EL6203


Similar Part No. - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203CW RENESAS-EL6203CW Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
EL6203CW-T13 RENESAS-EL6203CW-T13 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203CW-T7 INTERSIL-EL6203CW-T7 Datasheet
169Kb / 10P
   Laser Driver Oscillator
More results

Similar Description - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com