Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV028A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV028A
Description  3V LVDS Dual CMOS Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV028A_05 Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 8Page - National Semiconductor (TI) DS90LV028A_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Applications Information (Continued)
FAIL-SAFE FEATURE
The LVDS receiver is a high gain, high speed device that
amplifies a small differential signal (20mV) to CMOS logic
levels. Due to the high gain and tight threshold of the re-
ceiver, care should be taken to prevent noise from appearing
as a valid signal.
The receiver’s internal fail-safe circuitry is designed to
source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for
floating, terminated or shorted receiver inputs.
1.
Open Input Pins. The DS90LV028A is a dual receiver
device, and if an application requires only 1 receiver, the
unused channel inputs should be left OPEN. Do not tie
unused receiver inputs to ground or any other voltages.
The input is biased by internal high value pull up and pull
down resistors to set the output to a HIGH state. This
internal circuitry will guarantee a HIGH, stable output
state for open inputs.
2.
Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a power-off condition,
the receiver output will again be in a HIGH state, even
with the end of cable 100
Ω termination resistor across
the input pins. The unplugged cable can become a
floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the re-
ceiver may see the noise as a valid signal and switch. To
insure that any noise is seen as common-mode and not
differential, a balanced interconnect should be used.
Twisted pair cable will offer better balance than flat
ribbon cable.
3.
Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V differ-
ential input voltage, the receiver output will remain in a
HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (GND to
2.4V). It is only supported with inputs shorted and no
external common-mode voltage applied.
External lower value pull up and pull down resistors (for a
stronger bias) may be used to boost fail-safe in the presence
of higher noise levels. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and
waveform distortion to the driver. The common-mode bias
point should be set to approximately 1.2V (less than 1.75V)
to be compatible with the internal circuitry. Please refer to
application note AN-1194 “Failsafe Biasing of LVDS Inter-
faces” for more information.
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance
(< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
CABLES AND CONNECTORS, GENERAL COMMENTS
When choosing cable and connectors for LVDS it is impor-
tant to remember:
Use controlled impedance media. The cables and connec-
tors you use should have a matched differential impedance
of about 100
Ω. They should not introduce major impedance
discontinuities.
Balanced cables (e.g. twisted pair) are usually better than
unbalanced cables (ribbon cable, simple coax) for noise
reduction and signal quality. Balanced cables tend to gener-
ate less EMI due to field canceling effects and also tend to
pick up electromagnetic radiation a common-mode (not dif-
ferential mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to
work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3
(category 3) twisted pair cable works well, is readily available
and relatively inexpensive.
Pin Descriptions
Pin No.
Name
Description
1, 4
R
IN-
Inverting receiver input pin
2, 3
R
IN+
Non-inverting receiver input pin
6, 7
R
OUT
Receiver output pin
8V
CC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M08A
DS90LV028ATM
−40˚C to +85˚C
LLP/LDC08A
DS90LV028ATLD
www.national.com
5


Similar Part No. - DS90LV028A_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AHM NSC-DS90LV028AHM Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028A_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com