Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV018ATM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV018ATM
Description  3V LVDS Single CMOS Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV018ATM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV018ATM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 8Page - National Semiconductor (TI) DS90LV018ATM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90LV018A
3V LVDS Single CMOS Differential Line Receiver
General Description
The DS90LV018A is a single CMOS differential line receiver
designed for applications requiring ultra low power dissipa-
tion, low noise and high data rates. The device is designed to
support data rates in excess of 400 Mbps (200 MHz) utilizing
Low Voltage Differential Signaling (LVDS) technology.
The DS90LV018A accepts low voltage (350 mV typical) dif-
ferential input signals and translates them to 3V CMOS
output levels. The receiver also supports open, shorted and
terminated (100
Ω) input fail-safe. The receiver output will be
HIGH for all fail-safe conditions. The DS90LV018A has a
flow-through design for easy PCB layout.
The DS90LV018A and companion LVDS line driver provide a
new alternative to high power PECL/ECL devices for high
speed point-to-point interface applications.
Features
n >
400 Mbps (200 MHz) switching rates
n
50 ps differential skew (typical)
n
2.5 ns maximum propagation delay
n
3.3V power supply design
n
Flow-through pinout
n
Power down high impedance on LVDS inputs
n
Low Power design (18mW @ 3.3V static)
n
Interoperable with existing 5V LVDS networks
n
Accepts small swing (350 mV typical) differential signal
levels
n
Supports open, short and terminated input fail-safe
n
Conforms to ANSI/TIA/EIA-644 Standard
n
Industrial temperature operating range
(−40˚C to +85˚C)
n
Available in SOIC package
Connection Diagram
SOIC
10007801
Order Number DS90LV018ATM
See NS Package Number M08A
Functional Diagram
10007802
Truth Table
INPUTS
OUTPUT
[R
IN+]−[RIN−]
R
OUT
V
ID
≥ 0.1V
H
V
ID
≤ −0.1V
L
Full Fail-safe
OPEN/SHORT
H
or Terminated
August 2005
© 2005 National Semiconductor Corporation
DS100078
www.national.com


Similar Part No. - DS90LV018ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV018ATM NSC-DS90LV018ATM Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATM TI-DS90LV018ATM Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATM TI1-DS90LV018ATM Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATM/NOPB TI1-DS90LV018ATM/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV018ATM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com