Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR481VJD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR481VJD
Description  48-Bit LVDS Channel Link SER/DES 65 - 112 MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR481VJD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CR481VJD Datasheet HTML 1Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR481VJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time, (Figure 2),
PRE = 0.75V (disabled)
0.14
0.7
ns
LVDS Low-to-High Transition Time, (Figure 2),
PRE = Vcc (max)
0.11
0.6
ns
LHLT
LVDS High-to-Low Transition Time, (Figure 2),
PRE = 0.75V (disabled)
0.16
0.8
ns
LVDS High-to-Low Transition Time, (Figure 2),
PRE = Vcc (max)
0.11
0.7
ns
TBIT
Transmitter Bit Width
f = 66 MHz,
112MHz
1/7 TCIP
ns
TPPOS
Transmitter Pulse Positions -
Normalized
f=65to112
MHz
− 200
0
+200
ps
TJCC
Tranmitter Jitter - Cycle-to-Cycle
100
ps
TCCS
TxOUT Channel to Channel Skew
40
ps
TSTC
TxIN Setup to TxCLK IN, (Figure 5)
2.5
ns
THTC
TxIN Hold to TxCLK IN, (Figure 5)0
ns
TPDL
Transmitter Propagation Delay - Latency, (Figure 7)
1.5(TCIP)+3.72
1.5(TCIP)+4.4
1.5(TCIP)+6.24
ns
TPLLS
Transmitter Phase Lock Loop Set, (Figure 9)10
ms
TPDD
Transmitter Powerdown Delay, (Figure 11)
100
ns
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time, Rx data out,
(Figure 3)
2.0
ns
CMOS/TTL Low-to-High Transition Time, Rx clock
out, (Figure 3)
1.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time, Rx data out,
(Figure 3)
2.0
ns
CMOS/TTL High-to-Low Transition Time, Rx clock
out, (Figure 3)
1.0
ns
RCOP
RxCLK OUT Period, (Figure 6)
8.928
T
15.38
ns
RCOH
RxCLK OUT High Time, (Figure 6),
(Note 4)
f = 112 MHz
3.5
ns
f = 66 MHz
6.0
ns
RCOL
RxCLK OUT Low Time, (Figure 6),
(Note 4)
f = 112 MHz
3.5
ns
f = 66 MHz
6.0
ns
RSRC
RxOUT Setup to RxCLK
OUT,(Figure 6)
f = 112 MHz
2.4
ns
f = 66 MHz
3.6
ns
RHRC
RxOUT Hold to RxCLK OUT,
(Figure 6), (Note 4)
f = 112 MHz
3.4
ns
f = 66 MHz
6.0
ns
RPDL
Receiver Propagation Delay - Latency, (Figure 8)
3(TCIP)+4.0
3(TCIP)+4.8
3(TCIP)+6.5
ns
RPLLS
Receiver Phase Lock Loop Set, (Figure 10)10
ms
RPDD
Receiver Powerdown Delay, (Figure 12)1
µs
www.national.com
5


Similar Part No. - DS90CR481VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR481VJD NSC-DS90CR481VJD Datasheet
904Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
logo
Texas Instruments
DS90CR481VJD/NOPB TI1-DS90CR481VJD/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES ??65 - 112 MHz
More results

Similar Description - DS90CR481VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR481 NSC-DS90CR481 Datasheet
904Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
logo
Texas Instruments
DS90CR481 TI1-DS90CR481_15 Datasheet
1Mb / 25P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES ??65 - 112 MHz
DS90CR483 TI1-DS90CR483_15 Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483_04 Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
Texas Instruments
DS90CR483A TI1-DS90CR483A_15 Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483A TI1-DS90CR483A Datasheet
402Kb / 26P
[Old version datasheet]   DS90CR483A/DS90CR484A 48-Bit LVDS Channel Link SER/DES 33-112 MHz
DS90UB913Q TI1-DS90UB913Q Datasheet
182Kb / 5P
[Old version datasheet]   10-100MHz 10/12-Bit FPD-Link III SER/DES
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241_10 Datasheet
171Kb / 6P
   Improving the Robustness of Channel Link Designs with Channel Link II Ser/Des
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com