Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB155G Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RB155G
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RB155G Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RB155G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RB155G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.6
0.8
1.0
1.4
1.2
.01
0.1
1.0
  T
J
=25
TYPICAL
DISTRIBUTION
.01
1.0
10
0
40
60
0.1
20
100
120
140
80
TJ=25
10
20
30
40
1
10
100
50
TJ=25
60
0
0
.2
.4
.8
1.0
.6
1.4
1.6
1.2
100
0
25
50
75
125
150
8.3ms Single Half Sine Wave
TJ=125
RATINGSANDCHARACTERISTIC CURVES
RB151(G)---RB157(G)
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.1 -- DERATING CUTPUT RECTIFIED CURRENT
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0287012
2.
10


Similar Part No. - RB155G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RB155G JGD-RB155G Datasheet
131Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
RB155G TAITRON-RB155G Datasheet
230Kb / 5P
   1.5A Glass Passivated Bridge Rectifier
logo
Formosa MS
RB155G FORMOSA-RB155G Datasheet
68Kb / 6P
   Bridge Rectifier
More results

Similar Description - RB155G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com