Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR218A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR218A
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR218A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90CR218A Datasheet HTML 3Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 4Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 5Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 6Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 7Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 8Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 9Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 10Page - National Semiconductor (TI) DS90CR218A Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Applications Information (Continued)
DECOUPLING CAPACITORS
Bypassing capacitors are needed to reduce the impact of
switching noise which could limit performance. For a conser-
vative approach three parallel-connected decoupling capaci-
tors (Multi-Layered Ceramic type in surface mount form fac-
tor) between each V
CC
and the ground plane(s) are
recommended. The three capacitor values are 0.1 µF, 0.01
µF and 0.001 µF. An example is shown in Figure 11. The
designer should employ wide traces for power and ground
and ensure each capacitor has its own via to the ground
plane. If board space is limiting the number of bypass ca-
pacitors, the PLL V
CC should receive the most filtering/
bypassing. Next would be the LVDS V
CC pins and finally the
logic V
CC pins.
CLOCK JITTER
The CHANNEL LINK devices employ a PLL to generate and
recover the clock transmitted across the LVDS interface. The
width of each bit in the serialized LVDS data stream is
one-seventh the clock period. For example, a 85 MHz clock
has a period of 11.76 ns which results in a data bit width of
1.68 ns. Differential skew (
∆t within one differential pair),
interconnect skew (
∆t of one differential pair to another) and
clock jitter will all reduce the available window for sampling
the LVDS serial data streams. Care must be taken to ensure
that the clock input to the transmitter be a clean low noise
signal. Individual bypassing of each V
CC to ground will mini-
mize the noise passed on to the PLL, thus creating a low
jitter LVDS clock. These measures provide more margin for
channel-to-channel skew and interconnect skew as a part of
the overall jitter/skew budget.
COMMON-MODE vs. DIFFERENTIAL MODE NOISE
MARGIN
The typical signal swing for LVDS is 300 mV centered at
+1.2V. The CHANNEL LINK receiver supports a 100 mV
threshold therefore providing approximately 200 mV of dif-
ferential noise margin. Common-mode protection is of more
importance to the system’s operation due to the differential
data transmission. LVDS supports an input voltage range of
Ground to +2.4V. This allows for a ±1.0V shifting of the
center point due to ground potential differences and
common-mode noise.
10108025
FIGURE 11. CHANNEL LINK
Decoupling Configuration
www.national.com
10


Similar Part No. - DS90CR218A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR218A TI1-DS90CR218A Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
National Semiconductor ...
DS90CR218AMTD NSC-DS90CR218AMTD Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR218AMTD/NOPB TI1-DS90CR218AMTD/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
DS90CR218AMTDX/NOPB TI1-DS90CR218AMTDX/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
More results

Similar Description - DS90CR218A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR218A TI1-DS90CR218A_14 Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com