Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C280 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS36C280 Datasheet HTML 1Page - National Semiconductor (TI) DS36C280 Datasheet HTML 2Page - National Semiconductor (TI) DS36C280 Datasheet HTML 3Page - National Semiconductor (TI) DS36C280 Datasheet HTML 4Page - National Semiconductor (TI) DS36C280 Datasheet HTML 5Page - National Semiconductor (TI) DS36C280 Datasheet HTML 6Page - National Semiconductor (TI) DS36C280 Datasheet HTML 7Page - National Semiconductor (TI) DS36C280 Datasheet HTML 8Page - National Semiconductor (TI) DS36C280 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Parameter Measurement
Information (Continued)
01205207
FIGURE 7. TRI-STATE Test Circuit (t
PZH ,tPHZ)
01205208
FIGURE 8. TRI-STATE Waveforms (t
PZH,tPHZ)
01205209
FIGURE 9. TRI-STATE Test Circuit (t
PZL,tPLZ)
01205210
FIGURE 10. TRI-STATE Waveforms (t
PZL,tPLZ)
01205211
FIGURE 11. Receiver V
OH and VOL
01205212
FIGURE 12. Receiver Differential
Propagation Delay Test Circuit
01205213
FIGURE 13. Receiver Differential Propagation Delay Waveforms
www.national.com
5


Similar Part No. - DS36C280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C280 NSC-DS36C280 Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C280 TI1-DS36C280 Datasheet
870Kb / 16P
[Old version datasheet]   DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
National Semiconductor ...
DS36C280M NSC-DS36C280M Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C280M/NOPB TI1-DS36C280M/NOPB Datasheet
870Kb / 16P
[Old version datasheet]   DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280MX/NOPB TI1-DS36C280MX/NOPB Datasheet
870Kb / 16P
[Old version datasheet]   DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
More results

Similar Description - DS36C280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C280 NSC-DS36C280 Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C280 TI1-DS36C280_14 Datasheet
870Kb / 16P
[Old version datasheet]   DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488 Datasheet
212Kb / 12P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM488A AD-ADM488A Datasheet
287Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com