Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C200IMT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C200IMT
Description  Dual High Speed Bi-Directional Differential Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C200IMT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS36C200IMT Datasheet HTML 1Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 2Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 3Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 4Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 5Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 6Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 7Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 8Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics (Notes 2, 3, 7) (Continued)
EIAJ (0
Ω, 200 pF) ≥ 300V
Note 5: CL includes probe and fixture capacitance.
Note 6: Generator waveform for all tests unless otherwise specified:f=1 MHz, ZO =50Ω,tr ≤ 1 ns, tf ≤ 1 ns (0%–100%).
Note 7: The DS36C200I is a current mode device and will meet the datasheet specifications only with a resistive load applied to the driver outputs.
Note 8: Package Thermal Resistance Ratings are for 2-Layer, 2 ounce Cu, FR-14, printed circuit board, tested per JEDEC.
Switching Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
t
PHLD
Differential Propagation Delay High to Low
R
L =55
Ω,C
L =10pF
(Figure 2 and Figure 3)
1.0
2.5
5.5
ns
t
PLHD
Differential Propagation Delay Low to High
1.0
2.6
5.5
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
0.1
2
ns
t
TLH
Transition Time Low to High
0
0.5
2
ns
t
THL
Transition Time High to Low
0
0.5
2
ns
t
PHZ
Disable Time High to Z
R
L =55
(Figure 4 and Figure 5)
0.3
5
20
ns
t
PLZ
Disable Time Low to Z
0.3
5
20
ns
t
PZH
Enable Time Z to High
0.3
10
30
ns
t
PZL
Enable Time Z to Low
0.3
10
30
ns
DIFFERENTIAL RECEIVER CHARACTERISTICS
t
PHLD
Differential Propagation Delay High to Low
C
L = 10 pF, VID = 200 mV
(Figure 6 and Figure 7)
1.5
5
10
ns
t
PLHD
Differential Propagation Delay Low to High
1.5
4.6
10
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
0.4
3
ns
t
r
Rise Time
0
1.5
7
ns
t
f
Fall Time
0
1.5
7
ns
t
PHZ
Disable Time High to Z
C
L =10pF
(Figure 8 and Figure 9)
1
5
20
ns
t
PLZ
Disable Time Low to Z
1
5
20
ns
t
PZH
Enable Time Z to High
0.3
10
30
ns
t
PZL
Enable Time Z to Low
0.3
10
30
ns
Parameter Measurement Information
20077603
FIGURE 1. Differential Driver DC Test Circuit
20077604
FIGURE 2. Differential Driver Propagation Delay and Transition Time Test Circuit
www.national.com
4


Similar Part No. - DS36C200IMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
National Semiconductor ...
DS36C200M NSC-DS36C200M Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200M NSC-DS36C200M Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200IMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
   Dual Channel Bi-directional High Speed Optoisolators
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com