Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C200 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS36C200
Description  Dual High Speed Bi-Directional Differential Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C200 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS36C200 Datasheet HTML 1Page - National Semiconductor (TI) DS36C200 Datasheet HTML 2Page - National Semiconductor (TI) DS36C200 Datasheet HTML 3Page - National Semiconductor (TI) DS36C200 Datasheet HTML 4Page - National Semiconductor (TI) DS36C200 Datasheet HTML 5Page - National Semiconductor (TI) DS36C200 Datasheet HTML 6Page - National Semiconductor (TI) DS36C200 Datasheet HTML 7Page - National Semiconductor (TI) DS36C200 Datasheet HTML 8Page - National Semiconductor (TI) DS36C200 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
Enable Input Voltage
(DE, RE*)
−0.3V to (V
CC + 0.3V)
Voltage (DI/RO)
−0.3V to +5.9V
Voltage (DO/RI±)
−0.3V to +5.9V
Maximum Package Power Dissipation @+25˚C
M Package
1255 mW
Derate M Package
10.04 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
(Soldering, 4 sec.)
+260˚C
ESD Rating (Note 4)
(HBM, 1.5 k
Ω, 100 pF)
≥ 3.5 kV
(EIAJ, 0
Ω, 200 pF)
≥ 300V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.5
+5.0
+5.5
V
Receiver Input Voltage
0
2.4
V
Operating Free Air
Temperature (T
A)
0
25
70
˚C
Electrical Characteristics (Notes 2, 3, 7)
Over supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS (RE* =V
CC)
V
OD
Output Differential Voltage
R
L =55
Ω,(Figure 1)
DO+,
DO−
172
210
285
mV
∆V
OD
V
OD Magnitude Change
0
4
35
mV
V
OH
Output High Voltage
1.36
V
V
OL
Output Low Voltage
1.15
V
V
OS
Offset Voltage
1.0
1.25
1.6
V
∆V
OS
Offset Magnitude Change
0
5
25
mV
I
OZD
TRI-STATE Leakage
V
OUT =VCC or GND
−10
±1
+10
µA
I
OXD
Power-Off Leakage
V
OUT = 5.5V or GND, VCC = 0V
−10
±1
+10
µA
I
OSD
Output Short Circuit Current
V
OUT =0V
−4
−9
mA
DIFFERENTIAL RECEIVER CHARACTERISTICS (DE = GND)
V
TH
Input Threshold High
V
CM = 0V to 2.3V
RI+,
RI−
+100
mV
V
TL
Input Threshold Low
−100
mV
I
IN
Input Current
V
IN = +2.4V or 0V
−10
±1
+10
µA
V
OH
Output High Voltage
I
OH = −400 µA
RO
3.8
4.9
V
Inputs Open
3.8
4.9
V
Inputs Terminated, R
t =55
3.8
4.9
V
Inputs Shorted, V
ID = 0V
4.9
V
V
OL
Output Low Voltage
I
OL = 2.0 mA, VID = −200 mV
0.1
0.4
V
I
OSR
Output Short Circuit Current
V
OUT = 0V
−15
−60
−100
mA
DEVICE CHARACTERISTICS
V
IH
Input High Voltage
DI,
DE
RE*
2.0
V
CC
V
V
IL
Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN =VCC or 2.4V
±1
±10
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
±1
±10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
CCD
Power Supply Current
No Load, DE = RE* =V
CC
V
CC
37
mA
R
L =55
Ω, DE=RE* =V
CC
11
17
mA
I
CCR
DE=RE* = 0V
6
10
mA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD and VID.
Note 3: All typicals are given for VCC = +5.0V and TA = +25˚C.
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF) ≥ 3.5 kV
EIAJ (0
Ω, 200 pF) ≥ 300V
www.national.com
2


Similar Part No. - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
National Semiconductor ...
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMA NSC-DS36C200IMA Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMT NSC-DS36C200IMT Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
   Dual Channel Bi-directional High Speed Optoisolators
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com