Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP220 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # 5KP220
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

5KP220 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  5KP220 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 5KP220 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 5KP220 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 5KP220 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6.000
1000
10.000
10
1.0
10
100
MEASURED at
STAND-OFF
VOLTAGE, VWM
200
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
ZEROBIAS
RATINGSANDCHARACTERISTICCURVES
5KP---SERIES
TL, LEA D TEMPERATURE,
FIG.2 -- PULSE DERATING CURVE
V(BA), BREAKDOWN VOLTAGE, V
tol, PULSE WIDTH, SEC.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H
HHHHHHHH H
UNIDIRECTIONAL
TA, AMBIENT TEMPERATURE.
t, TIME, ms
FIG.1 -- PEAK PULSE POWER RATING CURVE
t, TIME, ms
FIG.3 -- PULSE WAVEFORM
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD
HHHHHH H
SURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5 -- STEADY STATE POWER DERATING CURVE
150
50
100
0
01.0
2.0
tr=10
µ s
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE -
I
PPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
10/1000
µ s
WAVEFORM as
DEFINDE by R.E.A.
td
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0285004
4.
100
1.0
10
0.1
0.1μs1.0μs10μs100μs
1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
1.00
0.75
0.25
0.50
0
025
75
50
200
100
125
150
175
L=0.375"(9.5mm)
LEAD LENGTHS
60 HZ
RESISTIVEOR
INDUCTIVE LOAD
0.8 x 0.8 x .040"
(20 x 20 x 1mm.)
COPPER HEAT SINKS
200
100
10
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)


Similar Part No. - 5KP220

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP220 FORMOSA-5KP220 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Pan Jit International I...
5KP220 PANJIT-5KP220 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
5KP220 PANJIT-5KP220 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
DONGGUAN YOU FENG WEI E...
5KP220 YFWDIODE-5KP220 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
logo
Goodwork Semiconductor ...
5KP220A GWSEMI-5KP220A Datasheet
189Kb / 4P
   5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5KP220

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com