Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5166 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5166
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5166 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5166_07 Datasheet HTML 2Page - Intersil Corporation EL5166_07 Datasheet HTML 3Page - Intersil Corporation EL5166_07 Datasheet HTML 4Page - Intersil Corporation EL5166_07 Datasheet HTML 5Page - Intersil Corporation EL5166_07 Datasheet HTML 6Page - Intersil Corporation EL5166_07 Datasheet HTML 7Page - Intersil Corporation EL5166_07 Datasheet HTML 8Page - Intersil Corporation EL5166_07 Datasheet HTML 9Page - Intersil Corporation EL5166_07 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7365.5
May 15, 2007
FIGURE 9. TRANSIMPEDANCE MAGNITUDE AND PHASE AS
THE FUNCTION OF THE FREQUENCY
FIGURE 10. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY (6 LD SOT-23)
FIGURE 11. PSRR +5V
FIGURE 12. PSRR -5V
FIGURE 13. COMMON MODE REJECTION AS THE FUNCTION
OF THE FREQUENCY AND POWER SUPPLY
VOLTAGE
FIGURE 14. LARGE SIGNAL RESPONSE
Typical Performance Curves (Continued)
-90
-270
-180
0
100K
10M
100M
1G
FREQUENCY (Hz)
1M
VCC, VEE=2.5V
10K
100
1K
100K
5.0V
2.5V
6.0V
5.0V
2.5V
10
10m
100m
1
10K
1M
10M
FREQUENCY (Hz)
100K
100M
VCC, VEE=5V
GAIN=2
0
10
20
30
40
50
60
70
80
100
10K
1M
10M
100M
FREQUENCY (Hz)
1K
100K
VCC=5V
VEE=-5V
RL=150Ω
RF=402Ω
RG=402Ω
0
10
20
30
40
70
50
60
80
100
10K
1M
10M
100M
FREQUENCY (Hz)
1K
100K
VCC=5V
VEE=-5V
RL=150Ω
RF=402Ω
RG=402Ω
-30
0
-80
-70
-60
-50
-40
-20
-10
1K
1M
10M
300M
FREQUENCY (Hz)
10K
RF=RG=250Ω
100M
2.5V
5.0V
6.0V
3.5V
100K
-2
1
2
3
-7
-6
-5
-4
-3
-1
0
100K
10M
100M
1G
FREQUENCY (Hz)
1M
VCC=5V
VEE=-5V
RL=150Ω
GAIN=2
LOAD=150
Ω
INPUT LEVEL=3VP-P
EL5166, EL5167


Similar Part No. - EL5166_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com