Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ45A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMCJ45A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMCJ45A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMCJ45A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMCJ45A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMCJ45A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMCJ45A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7.5± 0.25
1.5± 0.25
8.3± 0.2
0.25± 0.06
GALAXY ELECTRICAL
FEATURES
Underwriters Laboratory Recognition under UL standard
for safety 497B: Isolated Loop Circuit Protection
Low profile package with built-in strain relief for surface
mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping
capability
1500
W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
Veryfastresponse time
High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case:JEDEC DO-214AB molded plastic over passivated
junction
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
Polarity: Foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
Weight: 0.00
7 ounces, 0.21 grams
Flammability: Epoxy is rated UL 94V-0
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SM
CJ10C, SMCJ10CA). Electrical characteristics applyin both directions.
100.0
/W
Operating junction and storage temperature range
TJ, TSTG
-55---+150
20
Typical thermal resistance, junction to ambient( (NOTE 3)
RθJA
(3) Mounted on minimum recommended pad layout.
(2) Mounted on 0.2 x 0.2" ( 5.0 x 5.0mm
) copper pads to each terminal.
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
 ℃ per Fig. 2.
A
/W
RθJL
Peak forward surge current, 8.3ms single half sine-w ave
ffff
uni-directional only( (NOTE 2)
Typical thermal resistance, junction to lead
IFSM
2
00.0
Peak pulse current w ith a 10/1000μs waveform (NOTE1)
IPPM
See Table Below
A
Peak pow er dissipation w ith a 10/1000μs waveform (NOTE1,2, FIG.1)
PPPM
Minimum
1500
W
SMCJ5.0---SMCJ188CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.0 --- 188 V
PEAK PULSE POWER: 1500 W
DO-214AB(SMC)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
UNIT
VALUE
SYMBOL
BLGALAXY ELECTRICAL
Document Number 028
5009
1.
www.galaxycn.com
BL
Dimensions in millimeters


Similar Part No. - SMCJ45A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ45A DCCOM-SMCJ45A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ45A VISHAY-SMCJ45A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ45A VISHAY-SMCJ45A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
SMCJ45A VISHAY-SMCJ45A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Taiwan Semiconductor Co...
SMCJ45A TSC-SMCJ45A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ45A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com