Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C238 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C238
Description  Single Supply TIA/EIA-232 4X4 Driver/Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C238 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS14C238_02 Datasheet HTML 1Page - National Semiconductor (TI) DS14C238_02 Datasheet HTML 2Page - National Semiconductor (TI) DS14C238_02 Datasheet HTML 3Page - National Semiconductor (TI) DS14C238_02 Datasheet HTML 4Page - National Semiconductor (TI) DS14C238_02 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
V+ Pin
(V
CC −0.3V) to +15V
V− Pin
+0.3V to −15V
Driver Input Voltage
−0.3V to (V
CC +0.3V)
Driver Output Voltage
(V+ +0.3V) to (V−
−0.3V)
Receiver Input Voltage
±30V
Receiver Output Voltage
−0.3V to (V
CC +0.3V)
Junction Temperature
+150˚C
Maximum Package Power Dissipation @ +25˚C (Note 6)
WM Package
1400 mW
Storage Temp. Range
−65˚C to +150˚C
Lead Temp.
(Soldering, 4 Seconds)
+260˚C
Short Circuit Duration (D
OUT)
Continuous
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 2.0 kV
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, V
CC
4.5
5.5
V
Operating Free Air Temp. (T
A)
DS14C238
0
+70
˚C
Electrical Characteristics (Note 2)
Over recommended operating conditions, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DEVICE CHARACTERISTICS
V+
Positive Power Supply
R
L =3k
Ω, C1–C4 = 1.0 µF, D
IN = 0.8V
9.0
V
V−
Negative Power Supply
R
L =3k
Ω, C1–C4 = 1.0 µF, D
IN = 2.0V
−8.0
V
I
CC
Supply Current (V
CC)
No Load
7.0
10
mA
DRIVER CHARACTERISTICS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN
≥ 2.0V
−10
+10
µA
I
IL
Low Level Input Current
V
IN
≤ 0.8V
−10
+10
µA
V
OH
High Level Output Voltage
R
L =3k
5.0
7.4
V
V
OL
Low Level Output Voltage
−6.3
−5.0
V
I
OS+
Output High Short
V
O = 0V, VIN = 0.8V
(Note 3)
−30
−15
−5.0
mA
Circuit Current
I
OS
Output Low Short
V
O = 0V, VIN = 2.0V
5.0
12
30
mA
Circuit Current
R
O
Output Resistance
−2V
≤ V
O
≤ +2V, V
CC = GND = 0V
300
RECEIVER CHARACTERISTICS
V
TH
Input High Threshold Voltage
1.9
2.4
V
V
TL
Input Low Threshold Voltage
0.8
1.5
V
V
HY
Hysteresis
0.2
0.4
1.0
V
R
IN
Input Resistance
3.0
4.5
7.0
k
I
IN
Input Current
V
IN = +15V
2.14
3.8
5.0
mA
V
IN = +3V
0.43
0.6
+1.0
mA
V
IN = −3V
−1.0
−0.6
−0.43
mA
V
IN = −15V
−5.0
−3.8
−2.14
mA
V
OH
High Level Output Voltage
V
IN = −3V, IO = −3.2 mA
3.5
4.5
V
V
IN = −3V, IO = −20 µA
4.0
4.9
V
V
OL
Low Level Output Voltage
V
IN = +3V, IO = +2.0 mA
0.25
0.4
V
www.national.com
2


Similar Part No. - DS14C238_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C238WM NSC-DS14C238WM Datasheet
85Kb / 5P
   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
logo
Texas Instruments
DS14C238WMX/NOPB TI1-DS14C238WMX/NOPB Datasheet
733Kb / 13P
[Old version datasheet]   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
[Old version datasheet]   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
More results

Similar Description - DS14C238_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C238 NSC-DS14C238 Datasheet
85Kb / 5P
   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
logo
Texas Instruments
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
[Old version datasheet]   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com