Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA28 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SA28
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SA28 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SA28 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA28 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA28 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA28 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
◇ Plastic package gas Underwriters Laboratory
Flammability Classification 94V-0
◇ Glass passivated junction
◇ 500W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
◇ Excellent clamping capability
◇ Low incremental surge resistance
◇ Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bidirectional types
◇ Typical ID Less than 1 µA above 10V
◇ High temperature soldering guaranteed:265 ℃/ 10 seconds,
0.375"(9.5mm) lead length, 51bs. (2.3kg) tension
MECHANICAL DATA
◇ Case:JEDEC DO-15, molded plastic body over
passivated junction
◇ Terminals: Axial leads, solderable per MIL-STD-750,
method 2026
◇ Polarity:Color band denotes positive end (cathode)
except bidirectionals
◇ Weight: 0.014 ounces, 0.39 grams
◇ Mounting position: Any
Operating junction and storage temperature range
TJ, TSTG
-50---+175
(3) Measured of 8.3ms single half sine-wave or equare wave, duty cycle=4 pulses per minute maximum
(2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm
2) per Fig. 5
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25℃ per Fig. 2
Steady state power dissipation at TL=75℃
lead lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
1.0
W
A
V
VF
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method) (NOTE 3)
Maximum instantaneous forward voltage at 35A for unidirectional only (NOTE 3)
IFSM
70.0
3.5
Peak pulse current with a 10/1000µs waveform (NOTE 1,FIG.3)
IPPM
SEE TABLE 1
A
Peak power power dissipation with a 10/1000µs waveform (NOTE 1, FIG.1)
PPPM
Minimum 500
W
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.0 --- 170 V
PEAK PULSE POWER: 500 W
DO-15
BL
SA5.0---SA170CA
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix. (e.g. SA5.0C, SA170CA).
Electrical characteristics apply in both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
BLGALAXYELECTRICAL
Document Number 0285012
1.
www.galaxycn.com
GALAXY ELECTRICAL


Similar Part No. - SA28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA28 PANJIT-SA28 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA28 CHONGQING-SA28 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA28 FCI-SA28 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA28 LUGUANG-SA28 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA28 WTE-SA28 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA28

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com