Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83849IF Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83849IF
Description  DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83849IF_06 Datasheet HTML 58Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 59Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 60Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 61Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 62Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 63Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 64Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 65Page - National Semiconductor (TI) DP83849IF_06 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
62
www.national.com
7.1.8 Auto-Negotiate Expansion Register (ANER)
This register contains additional Local Device and Link Partner status information.
Table 27. Auto-Negotiate Expansion Register (ANER), address 06h
Bit
Bit Name
Default
Description
15:5
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0.
4
PDF
0, RO
Parallel Detection Fault:
1 = A fault has been detected via the Parallel Detection function.
0 = A fault has not been detected.
3
LP_NP_ABLE
0, RO
Link Partner Next Page Able:
1 = Link Partner does support Next Page.
0 = Link Partner does not support Next Page.
2
NP_ABLE
1, RO/P
Next Page Able:
1 = Indicates local device is able to send additional “Next Pages”.
1
PAGE_RX
0, RO/COR
Link Code Word Page Received:
1 = Link Code Word has been received, cleared on a read.
0 = Link Code Word has not been received.
0
LP_AN_ABLE
0, RO
Link Partner Auto-Negotiation Able:
1 = indicates that the Link Partner supports Auto-Negotiation.
0 = indicates that the Link Partner does not support Auto-Negotia-
tion.


Similar Part No. - DP83849IF_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849IF NSC-DP83849IF_08 Datasheet
1Mb / 90P
   PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
More results

Similar Description - DP83849IF_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849IF NSC-DP83849IF Datasheet
3Mb / 108P
   PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
[Old version datasheet]   PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
National Semiconductor ...
DP83849IF NSC-DP83849IF_08 Datasheet
1Mb / 90P
   PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
DP83849ID NSC-DP83849ID_08 Datasheet
3Mb / 98P
   PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
   PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849IF TI1-DP83849IF_15 Datasheet
1Mb / 105P
[Old version datasheet]   DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
National Semiconductor ...
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
   PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849I TI1-DP83849I_15 Datasheet
1Mb / 98P
[Old version datasheet]   DP83849I PHYTER DUAL Industrial Temperature With Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
   DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849C NSC-DP83849C Datasheet
3Mb / 96P
   DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com