Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9205AIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9205AIRZ
Description  Li-ion Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205AIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9205AIRZ Datasheet HTML 1Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 2Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 3Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 4Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 5Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 6Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 7Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 8Page - Intersil Corporation ISL9205AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN9252.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Thermaguard is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL9205
Li-ion Battery Charger
The ISL9205 is an integrated single-cell Li-ion or Li-polymer
charger capable of operating at an input voltage as low as
2.5V. The low operating voltage allows the charger to work
with a variety of AC adapters.
The ISL9205 operates as a linear charger when the AC
adapter is a voltage source. The battery is charged in a
standard Li-ion charge profile, i.e. a constant current phase
followed be a constant voltage phase (CC/CV). The charge
current during the constant current phase is determined by
the external resistor connected to the IREF pin. When the
adapter output is a current-limited voltage source and the
current limit is smaller than the programmed constant
current of the IC, the ISL9205 operates as a pulse charger
where the charge current is determined by the current limit of
the AC adapter during the constant current phase. The
ISL9205 operates in a linear mode during the constant
voltage phase in both adapter cases.
The ISL9205 incorporates Thermaguardwhich protects the
IC against over temperature. If the die temperature rises
above a typical value of +100°C , the thermal foldback
function reduces the charge current to prevent further
temperature rise. The ISL9205 includes an external
temperature monitoring function (not available in some
package options). A negative temperature coefficient (NTC)
thermistor is connected between the TEMP pin and GND to
monitor the battery or ambient temperature. The ISL9205
also includes a timer to set the time reference for various
charge time limits. The timer is programmable with an
external capacitor. Two logic inputs and two open-drain logic
outputs are available for controlling the charger and
indicating the charger status. The EN pin enables the
charger, TOEN pin (available in ISL9205) enables the
timeout function so that the charge is terminated when the
preset time limits have been reached. The FAULT pin is an
open-drain output which turns on when a fault condition is
encountered. The STATUS pin is also an open-drain output
which turns on when the charger is delivering current.
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 25mV Voltage Accuracy Over-Temperature and Input
Voltage Range
• 15mV Voltage Accuracy at Room Temperature
• Programmable Charge Current
• Programmable End-of-Charge Current (ISL9205)
• Charge Current Thermal Foldback for Thermal
Protection (Thermaguard)
• Trickle Charge for Fully Discharged Batteries
• Power Presence and Charge Indications
• NTC Interface (not available in some package options)
• Less than 3µA Leakage Current off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to +85°C
• DFN, QFN Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Mobile Phones
• Blue-Tooth Devices
•PDAs
• MP3 Players
• Stand-Alone Cradle or Travel Chargers
• Other Handheld Devices
Data Sheet
May 16, 2007


Similar Part No. - ISL9205AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205AIRZ INTERSIL-ISL9205AIRZ Datasheet
514Kb / 14P
   Li-ion Battery Charger
ISL9205AIRZ INTERSIL-ISL9205AIRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205AIRZ RENESAS-ISL9205AIRZ Datasheet
828Kb / 17P
   Li-ion Battery Charger
ISL9205AIRZ RENESAS-ISL9205AIRZ Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
ISL9205AIRZ-T RENESAS-ISL9205AIRZ-T Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
More results

Similar Description - ISL9205AIRZ

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com