Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE180 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # P4KE180
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

P4KE180 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  P4KE180 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited P4KE180 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited P4KE180 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited P4KE180 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
100
1
0.1
0.01
0
500
400
300
200
100
TA=25℃
MEASURED ATDEVICES
STAND-OFF VOLTAGE, VWM
100.000
1.0
100
10
10.000
1000
10
200
MEASURED at
ZEROBIAS
TJ=25℃
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
STAND-OFF
VOLTAGE, VWM
150
100
0
50
02.0
1.0
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
10/1000
µ s
WAVEFORM as
DEFINDE by R.E.A.
td
tr=10
µ s
RATINGS AND CHARACTERISTIC CURVES
P4KE6.8 -- P4KE440CA
TL, LEAD TEMPERATURE, ℃
FIG.2 -- PULSE DERATING CURVE
tol, PULSEWIDTH, SEC.
FIG.3 -- PULSE WAVEFORM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHHH HUNIDIRECTIONAL
TA, AMBIENT TEMPERATURE. ℃
FIG.1 -- PEAK PULSE POWER RATING CURVE
V(BR), BREAKDOWN VOLTAGE, V
FIG.7 -- TYPICAL REVERSE LEAKAGE
JJJJJJJJJJJJJJJJJJCHARACTERISTICS
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD
HHHH HSURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5 -- STEADY STATE POWER DERATING CURVE
t, TIME, ms
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0285001
4.
V(BR), BREAKDOWN VOLTAGE, V
NUMBER OF CYCLES AT 60 Hz
100
1.0
10
0.1
0.1µs
1.0µs
10µs
100µs
1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25℃
0
25
50
75
100
0
25
50
75
100
125
150
175
200
0
025
50
75
0.75
1.00
0.50
0.25
125
100
150
200
175
1.6 x 1.6 x .040"
(40 x 40 x 1mm.)
COPPER HEAT SINKS
60 HZ
RESISTIVEOR
INDUCTIVE LOAD
L=0.375"(9.5mm)
LEAD LENGTHS
50
40
30
10
20
0
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)


Similar Part No. - P4KE180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE180 PANJIT-P4KE180 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Rugao Dachang Electroni...
P4KE180 DACHANG-P4KE180 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE180 DIOTEC-P4KE180 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P4KE180 TSC-P4KE180 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Vishay Siliconix
P4KE180 VISHAY-P4KE180 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - P4KE180

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com