Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9208IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9208IRZ
Description  Multi-Cell Li-ion Battery Pack OCP/Analog Front End
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9208IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9208IRZ Datasheet HTML 4Page - Intersil Corporation ISL9208IRZ Datasheet HTML 5Page - Intersil Corporation ISL9208IRZ Datasheet HTML 6Page - Intersil Corporation ISL9208IRZ Datasheet HTML 7Page - Intersil Corporation ISL9208IRZ Datasheet HTML 8Page - Intersil Corporation ISL9208IRZ Datasheet HTML 9Page - Intersil Corporation ISL9208IRZ Datasheet HTML 10Page - Intersil Corporation ISL9208IRZ Datasheet HTML 11Page - Intersil Corporation ISL9208IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN6446.1
November 2, 2007
SERIAL INTERFACE CHARACTERISTICS
SCL Clock Frequency
fSCL
100
kHz
Pulse Width Suppression Time at
SDA and SCL Inputs
tIN
Any pulse narrower than the max spec is
suppressed.
50
ns
SCL Falling Edge to SDA Output Data
Valid
tAA
From SCL falling crossing VIH(min), until
SDA exits the VIL(max) to VIH(min)
window.
3.5
µs
Time the Bus Must Be Free Before
Start of New Transmission
tBUF
SDA crossing VIH(min) during a STOP
condition to SDA crossing VIH(min) during
the following START condition.
4.7
µs
Clock Low Time
tLOW
Measured at the VIL(max) crossing.
4.7
µs
Clock High Time
tHIGH
Measured at the VIH(min) crossing.
4.0
µs
Start Condition Setup Time
tSU:STA SCL rising edge to SDA falling edge. Both
crossing the VIH(min) level.
4.7
µs
Start Condition Hold Time
tHD:STA From SDA falling edge crossing VIL(max)
to SCL falling edge crossing VIH(min).
4.0
µs
Input Data Setup Time
tSU:DAT From SDA exiting the VIL(max) to VIH(min)
window to SCL rising edge crossing
VIL(min).
250
ns
Input Data Hold Time
tHD:DAT From SCL falling edge crossing VIH(min) to
SDA entering the VIL(max) to VIH(min)
window.
300
µs
Stop Condition Setup Time
tSU:STO From SCL rising edge crossing VIH(min) to
SDA rising edge crossing VIL(max).
4.0
µs
Stop Condition Hold Time
tHD:STO From SDA rising edge to SCL falling edge.
Both crossing VIH(min).
4.0
µs
Data Output Hold Time
tDH
From SCL falling edge crossing VIL(max)
until SDA enters the VIL(max) to VIH(min)
window. (Note 4)
0ns
SDA and SCL Rise Time
tR
From VIL(max) to VIH(min).
1000
ns
SDA and SCL Fall Time
tF
From VIH(min) to VIL(max).
300
ns
Capacitive Loading Of SDA Or SCL
Cb
Total on-chip and off-chip
400
pF
SDA and SCL Bus Pull-up Resistor-
Off Chip
ROUT
Maximum is determined by tR and tF.
For CB = 400pF, max is about 2kΩ ~ 2.5kΩ
For CB = 40pF, max is about 15kΩ to 20kΩ
1k
Ω
Input Leakage Current (SCL, SDA)
ILI
-10
10
µA
Input Buffer Low Voltage (SCL, SDA)
VIL
Voltage relative to VSS of the device.
-0.3
VRGO x 0.3
V
Input Buffer High Voltage (SCL, SDA)
VIH
Voltage relative to VSS of the device.
VRGO x 0.7
VRGO +0.1
V
V
Output Buffer Low Voltage (SDA)
VOL
IOL = 1mA
0.4
V
SDA and SCL Input Buffer Hysteresis I2CHYST Sleep bit = 0
0.05 * VRGO
V
NOTES:
3. Power up of the device requires all VCELL1, VCELL2, VCELL3, and VCC to be above the limits specified.
4. The device provides an internal hold time of at least 300ns for the SDA signal to bridge the unidentified region of the falling edge of SCL.
5. Typical +125°C ±10%, based on design and characterization data.
6. Typical 5
Ω ±2Ω, based on design and characterization data.
7. Maximum output capacitance = 15pF.
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
ISL9208


Similar Part No. - ISL9208IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208IRZ INTERSIL-ISL9208IRZ Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208IRZ RENESAS-ISL9208IRZ Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
More results

Similar Description - ISL9208IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com