Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP58 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 5KP58
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

5KP58 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  5KP58 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 5KP58 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 5KP58 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 5KP58 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GALAXY ELECTRICAL
FEATURES
Plastic package
Glass passivated junction
5000W peak pulse power capability with a 10/1000μs
waveform
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from
0 Volts to BV
Typical IR less than 10
µ A for V
(BR)≥10V
High temperature soldering guaranteed:265
/ 10 seconds,
0.375"(9.5mm) lead length, 5
lbs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC R-6, molded plastic
Polarity: Color band denotes positive end (cathode)
except
bipola
Weight: 0.07ounce, 2.1gram
Mounting position:
any
Maximum
instantaneous forward voltage at 25A for unidirectional only (NOTE 4)
IFSM
400
3.5
Operating
junction and storage temperature range
TJ, TSTG
-55---+175
(3)8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
(2) Mounted on
copper pad area of 0.8×0.8" (20×20mm) per Fig. 5.
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 ℃ per Fig. 2
Steady
state power dissipation at TL=75
ffff
fLead
lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
8.0
W
A
V
VF
Peak
forward surge current, 8.3ms single half
ffff
Sine-
wave superimposed on rated load (JEDEC Method) (NOTE 3)
Peak
pulse current with a 10/1000μs waveform(NOTE1)
IPPM
SEE TABLE 1
A
Peak
power dissipation with a 10/1000μs waveform(NOTE1, FIG.1)
PPPM
Minimum 5000
W
5KP---SERIES
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.0 - 220 V
PEAK PULSE POWER: 5000 W
R-6
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For
bidirectional use C or CA suffix for types 5KP5.0 thru types 5KP220 (e.g. 5KP5.0C , 5KP220CA)
Electrical characteristics apply in both directions
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
BLGALAXY ELECTRICAL
Document Number 0285004
1.
www.galaxycn.com
BL


Similar Part No. - 5KP58

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP58 LUGUANG-5KP58 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP58 SURGE-5KP58 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP58 LUGUANG-5KP58 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Vishay Siliconix
5KP58 VISHAY-5KP58 Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
DONGGUAN YOU FENG WEI E...
5KP58 YFWDIODE-5KP58 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP58

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com