Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9209C Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9209C
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9209C Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9209C Datasheet HTML 3Page - Intersil Corporation ISL9209C Datasheet HTML 4Page - Intersil Corporation ISL9209C Datasheet HTML 5Page - Intersil Corporation ISL9209C Datasheet HTML 6Page - Intersil Corporation ISL9209C Datasheet HTML 7Page - Intersil Corporation ISL9209C Datasheet HTML 8Page - Intersil Corporation ISL9209C Datasheet HTML 9Page - Intersil Corporation ISL9209C Datasheet HTML 10Page - Intersil Corporation ISL9209C Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6489.0
May 21, 2007
ISL9209C
Thin Dual Flat No-Lead Plastic Package (TDFN)
C
//
L
C
e
TERMINAL TIP
FOR EVEN TERMINAL/SIDE
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
L
L12.4x3A
12 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-229-WGED-4 ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.18
0.23
0.30
5,8
D
4.00 BSC
-
D2
3.15
3.30
3.40
7,8
E
3.00 BSC
-
E2
1.55
1.70
1.80
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N12
2
Nd
6
3
Rev. 0 1/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.


Similar Part No. - ISL9209C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
617Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9209C RENESAS-ISL9209C Datasheet
941Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9209CIRZ INTERSIL-ISL9209CIRZ Datasheet
617Kb / 11P
   Charging System Safety Circuit
ISL9209CIRZ INTERSIL-ISL9209CIRZ Datasheet
614Kb / 11P
   Charging System Safety Circuit
January 16, 2009
logo
Renesas Technology Corp
ISL9209CIRZ RENESAS-ISL9209CIRZ Datasheet
941Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9209C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com