Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA11 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SA11
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SA11 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SA11 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA11 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA11 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA11 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.galaxycn.com
BLGALAXYELECTRICAL
MIN
MAX
SA60
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
SA60A
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
SA64
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
SA64A
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
SA70
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
SA70A
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
SA75
83.3
102
1.0
75.0
1.0
3.7
134
101
SA75A
83.3
92.1
1.0
75.0
1.0
121
91.0
SA78
86.7
106
1.0
78.0
1.0
139
105
SA78A
86.7
95.8
1.0
78.0
1.0
126
95.0
SA85
94.4
115
1.0
85.0
1.0
151
114
SA85A
94.4
104
1.0
85.0
1.0
137
103
SA90
100
122
1.0
90.0
1.0
160
121
SA90A
100
111
1.0
90.0
1.0
146
110
SA100
111
136
1.0
100
1.0
179
135
SA100A
111
123
1.0
100
1.0
162
123
SA110
122
149
1.0
110
1.0
196
148
SA110A
122
135
1.0
110
1.0
177
133
SA120
133
163
1.0
120
1.0
214
162
SA120A
133
147
1.0
120
1.0
193
146
SA130
144
176
1.0
130
1.0
230
175
SA130A
144
159
1.0
130
1.0
209
158
SA150
167
204
1.0
150
1.0
268
203
SA150A
167
185
1.0
150
1.0
243
184
SA160
178
218
1.0
160
1.0
257
217
SA160A
178
197
1.0
160
1.0
259
196
SA170
189
231
1.0
170
1.0
304
230
SA170A
189
1209
1.0
170
1.0
275
208
3.6
3.1
ELECTRICAL CHARACTERISTICS at(TA=25
unle ss othe rw ise note d)
TABLE 1(Cont'd)
Device Type
Breakdown voltage
V(BR)
(Volts) (NOTE1)
Test
current
at
IT
(m A)
Stand-off
voltage
VWM
(Volts)
Maxim um
reverse
leakage
at VWM
ID (NOTE3)
(
A)
Maxim um
peak pulse
current
IPPM
(NOTE 2)
(Amps)
Maxim um
clamping
voltage at
IPPM
VC(Volts)
Maxim um
temperature
coefficient
of V(BR)
(m V/ )
1.9
3.1
2.6
2.8
2.3
2.4
1.9
2.1
1.7
1.8
3.4
2.8
1.6
2.6
2.2
4.1
3.6
4.0
3.3
(2)Surge current waveform per Fig.3 and derate per Fig.2
NOTES:(1)V(BR) m eas ured after IT applied for 300m s .IT=s quare wave puls e or equivalent
(3)For bidirectional types with VWM of 10Volts and less ,the ID lim it is doubled.
(4) All term s and s ym bols are cons is tent with ANSI/IEEE C62.35
Document Number 0285012
4.


Similar Part No. - SA11

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA11 PANJIT-SA11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA11 CHONGQING-SA11 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA11 FCI-SA11 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA11 LUGUANG-SA11 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA11 WTE-SA11 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA11

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com