Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF9V0A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF9V0A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF9V0A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMF9V0A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF9V0A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF9V0A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
2.
www.galaxycn.com
M
in
M
ax
1N6267
6.12
7.48
10.0
1N6267A
6.45
7.14
10.0
1N6268
6.75
8.25
10.0
1N6268A
7.13
7.88
10.0
1N6269
7.38
9.02
10.0
1N6269A
7.79
8.61
10.0
1N6270
8.19
10.0
1.0
1N6270A
8.65
9.55
1.0
1N6271
9.0
11.0
1.0
1N6271A
9.5
10.5
1.0
1N6272
9.9
12.1
1.0
1N6272A
10.5
11.6
1.0
1N6273
10.8
13.2
1.0
1N6273A
11.4
12.6
1.0
1N6274
11.7
14.3
1.0
1N6274A
12.4
13.7
1.0
1N6275
13.5
16.5
1.0
1N6275A
14.3
15.8
1.0
1N6276
14.4
17.6
1.0
1N6276A
15.2
16.8
1.0
1N6277
16.2
19.8
1.0
1N6277A
17.1
18.9
1.0
1N6278
18.0
22.0
1.0
1N6278A
19.0
21.0
1.0
1N6279
19.8
24.2
1.0
1N6279A
20.9
23.1
1.0
1N6280
21.6
26.4
1.0
1N6280A
22.8
25.2
1.0
1N6281
24.3
29.7
1.0
1N6281A
25.7
28.4
1.0
1N6282
27.0
33.0
1.0
1N6282A
28.5
31.5
1.0
1N6283
29.7
36.3
1.0
1N6283A
31.4
34.7
1.0
1N6284
32.4
39.6
1.0
1N6284A
34.2
37.8
1.0
1N6285
35.1
42.9
1.0
1N6285A
37.1
41.0
1.0
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
TABLE 1
Device Type
27.8
53.9
0.100
23.1
16.2
17.1
15.3
18.8
21.8
20.5
19.4
8.55
0.068
0.068
9.72
0.073
0.075
0.075
0.076
14.5
5.0
0.057
0.057
0.061
0.073
0.061
0.065
0.065
0.096
0.089
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
29.1
27.7
40.0
51.5
49.0
30.6
39.1
0.097
43.5
0.097
26.8
1.0
31.4
47.7
0.098
124
16.2
15.6
17.3
109
112
100
103
86.7
13.8
143
128
133
120
200
54.2
1000
500
500
200
1.0
59.5
68.2
96.2
5.0
5.0
50
50
10
10
9.40
5.80
6.05
6.40
6.63
7.02
8.92
7.37
7.78
8.10
10.5
11.7
11.3
12.5
10.8
5.50
1000
139
13.4
15.0
24.3
1.0
1.0
1.0
1.0
34.5
92.6
38.4
12.1
17.8
1.0
47.0
31.9
10.5
10.2
16.7
12.1
1.0
0.078
5.0
78.9
19.0
0.081
5.0
89.8
82.4
18.2
0.081
1.0
45.2
33.2
1.0
25.2
70.8
21.2
63.8
23.5
22.0
0.084
0.084
0.086
12.8
1.0
36.2
41.4
14.5
1.0
56.6
26.5
12.9
1.0
0.088
13.6
1.0
0.098
66.7
22.5
0.086
1.0
43.2
34.7
0.099
28.2
1.0
32.8
45.7
29.1
1.0
28.8
52.0
0.099
31.6
1.0
26.6
56.4
0.100
30.8
1.0
30.1
49.9
Breakdow n
Voltage V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
33.3
1.0
25.6
1.0
11.1
5.0
1.0
Stand-off
Voltage
VWM(V)
Maximum
Reverse
Leakge
at VWM
ID (NOTE3)(μA)
Maximum
Pea
k Pulse
IPPM(NOTE2)(A)
Maximum
Clamping
Voltage at
IPPM VC(V)
Maximum
Temperature
Coefficient of
V(BR)(%/ )


Similar Part No. - SMF9V0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF9V0A VISHAY-SMF9V0A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.3, 27-Oct-08
SMF9V0A VISHAY-SMF9V0A Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
logo
Shenzhen Luguang Electr...
SMF9V0A LUGUANG-SMF9V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF9V0A VISHAY-SMF9V0A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
SMF9V0A VISHAY-SMF9V0A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF9V0A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com