Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28156FBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28156FBZ
Description  39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28156FBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28156FBZ Datasheet HTML 1Page - Intersil Corporation ISL28156FBZ Datasheet HTML 2Page - Intersil Corporation ISL28156FBZ Datasheet HTML 3Page - Intersil Corporation ISL28156FBZ Datasheet HTML 4Page - Intersil Corporation ISL28156FBZ Datasheet HTML 5Page - Intersil Corporation ISL28156FBZ Datasheet HTML 6Page - Intersil Corporation ISL28156FBZ Datasheet HTML 7Page - Intersil Corporation ISL28156FBZ Datasheet HTML 8Page - Intersil Corporation ISL28156FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6154.4
February 11, 2008
IS,OFF
Supply Current, Disabled
10
14
16
µA
IO+
Short-Circuit Output Current
RL = 10Ω
28
23
31
mA
IO-
Short-Circuit Output Current
RL = 10Ω
24
18
26
mA
VSUPPLY
Supply Operating Range
Guaranteed by PSRR test
2.4
5
V
VENH
Enable Pin High Level
2
V
VENL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1
1.2
1.2
µA
IENL
Enable Pin Input Current
VEN = 0V
10
16
25
30
nA
tEN
Enable to Output On-state Delay Time
(ISL28156)
VOUT = 1V (enable state); VEN = High to
Low
10.8
µs
tEN
Enable to Output Off-state Delay Time
(ISL28156)
VOUT = 0V (disabled state) VEN = Low to
High
0.1
µs
NOTE:
1. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs RL
FIGURE 2. GAIN vs FREQUENCY vs CL
FIGURE 3. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 4. GAIN vs FREQUENCY vs VS
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 1k
RL = 10k
RL = 100k
AV = 1
CL = 16.3pF
VOUT = 10mVP-P
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
CL = 34.3pF
AV = 1
RL = 10k
VOUT = 10mVP-P
1k
10k
100k
1M
CL = 49.3pF
CL = 55.3pF
CL = 63.3pF
CL = 43.3pF
CL = 38.3pF
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Rf = 0, Rg = INF, RL = 10k
RL = 10k
CL = 16.3pF
VOUT = 10mVP-P
Rf = 100k, Rg = 1k, RL = 10k
1k
10k
100k
1M
100
Rf = 1M, Rg = 1k, RL = 10k
Rf = 9.09, Rg = 1k, RL = INF
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 2.4V
VS = 5V
AV = 1
RL = 10k
VOUT = 10mVP-P
ISL28156, ISL28256


Similar Part No. - ISL28156FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156FBZ INTERSIL-ISL28156FBZ Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FBZ INTERSIL-ISL28156FBZ Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28156FBZ RENESAS-ISL28156FBZ Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
More results

Similar Description - ISL28156FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com