Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC001AJE Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC001AJE
Description  Serial Digital Cable Driver with Adjustable Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001AJE Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC001AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 6Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 7Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 8Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 9Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 10Page - National Semiconductor (TI) CLC001AJE Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Device Operation (Continued)
Figure 5 shows the CLC001 with an AC-coupled, single
ended input connection. The 82.5
Ω resister in parallel with
825
Ω gives the equivalent termination resistance of 75Ω.
R
BB set at 5k
Ω provides 1.25V of DC bias to the input.
A typical DC-coupled, twisted pair cable connection is shown
in Figure 6. The CLC001 is driven differentially. The line is
terminated with a termination resistor equal to the imped-
ance of the line being driven. The actual resistor value is
media specific, but typically is between 100 and 120
Ω de-
pending upon the cable. This resistor should be located
close to the CLC001 inputs pins to minimize the resulting
stub length between the resistor and device pads.
10132905
FIGURE 5. Single Ended 75
Ω Coaxial Cable, AC-coupled
10132906
FIGURE 6. Twisted Pair Cable, DC-coupled
www.national.com
7


Similar Part No. - CLC001AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001AJE NSC-CLC001AJE Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13/NOPB TI1-CLC001AJE-TR13/NOPB Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE/NOPB TI1-CLC001AJE/NOPB Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
More results

Similar Description - CLC001AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
[Old version datasheet]   CLC006 Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com