Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ7.0 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMCJ7.0
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMCJ7.0 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMCJ7.0 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMCJ7.0 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMCJ7.0 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMCJ7.0 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100
75
25
50
0
025
75
50
125
100
150
200
175
100
1.0
10
0.1
0.1μs1.0μs10μs100μs
1ms
10ms
0.2 x 0.2" (0.5x 0.5mm)
Copper Pad Areas
NON-REPETITIVE
PULSEWAVEFORM
SHOWNINFIG.3
TA=25
200
10
0
50
10
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)
1000
100
10
1
0.001
0.1
0.01
1000
1
10
100
6,000
100
1,000
10
1.0
10
100
VR, Measured at
Stand-Off
Voltage, VWM
200
Measured at
Zero Bias
TJ=25
f=1.0MHZ
Vsig=50mVp-p
150
50
100
0
01.0
2.0
tr=10 sec
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
td
10/1000
µ s
WAVEFORM as
DEFINED by
R.E.A.
NUMBER OF CYCLES AT 60 Hz
FIG.6 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
HHHH H
SURGE CURRENT
FIG.3 -- PULSE WAVEFORM
t, TIME, ms
tp — PULSE DURATION, SEC
V(BR), BREAKDOWN VOLTAGE, V
td, PULSE WIDTH, SEC.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHH UNIDIRECTIONAL
FIG.1 -- PEAK PULSE POWER RATING CURVE
FIG.5 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
T
A, AMBIENT TEMPERATURE.
RATINGS AND CHARACTERISTIC CURVES
SMCJ5.0---SMCJ188CA
FIG.2 -- PULSE DERATING CURVE
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 028500
9
4.


Similar Part No. - SMCJ7.0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ7.0 MICROSEMI-SMCJ7.0 Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Dc Components
SMCJ7.0 DCCOM-SMCJ7.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ7.0 ANOVA-SMCJ7.0 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMCJ7.0 VISHAY-SMCJ7.0 Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Socay Electornics Co., ...
SMCJ7.0 SOCAY-SMCJ7.0 Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ7.0

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com