Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS299MS Datasheet(PDF) 11 Page - Intersil Corporation

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS299MS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HCTS299MS_02 Datasheet HTML 4Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 5Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 6Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 7Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 8Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 9Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 10Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 11Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
634
HCTS299MS
Three-State Low Timing Diagrams
Three-State LOW VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
0.90
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOZ
VOL
TPZL
TPLZ
VT
VW
Three-State High Timing Diagrams
Three-State HIGH VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOH
VOZ
TPZH
TPHZ
VT
VW
Three-State Low Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
VCC
Three-State High Load Circuit
DUT
TEST
RL
POINT
CL = 50pF
RL = 500
Spec Number
518640


Similar Part No. - HCTS299MS_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
More results

Similar Description - HCTS299MS_02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com