Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS299MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS299MS Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS299MS_02 Datasheet HTML 1Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 2Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 3Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 4Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 5Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 6Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 7Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 8Page - Intersil Corporation HCTS299MS_02 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
624
TM
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
S0
OE1
OE2
I/O6
I/O4
I/O2
Q0
I/O0
MR
GND
VCC
DS7
Q7
I/O7
S1
I/O5
I/O3
I/O1
CP
DS0
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
S0
OE1
OE2
I/O6
I/O4
I/O2
I/O0
Q0
9
10
12
11
MR
GND
VCC
S1
DS7
Q7
I/O7
I/O5
I/O3
I/O1
CP
DS0
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS299DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCTS299KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCTS299D/Sample
+25oC
Sample
20 Lead SBDIP
HCTS299K/Sample
+25
oC
Sample
20 Lead Ceramic Flatpack
HCTS299HMSR
+25
oCDie
Die
HCTS299MS
Radiation Hardened
8-Bit Universal Shift Register; Three-State
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
-Bus Driver Outputs: 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS299MS is a Radiation Hardened 8-bit shift/
storage register with three-state bus interface capability. The
register has four synchronous operating modes controlled by
the two select inputs (S0, S1). The mode select, the serial
data (DS0, DS7) and the parallel data (IO0 - IO7) respond
only to the low to high transition of the clock (CP) pulse. S0,
S1 and the data inputs must be one set up time period prior
to the clocks positive transition. The master reset (MR) is an
asynchronous active low input.
The HCTS299MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family
with TTL input compatibility.
August 1995
Spec Number
518640
FN3069.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - HCTS299MS_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
More results

Similar Description - HCTS299MS_02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com