Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE30 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # P4KE30
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

P4KE30 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  P4KE30 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited P4KE30 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited P4KE30 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited P4KE30 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLGALAXY ELECTRICAL
Document Number 0285001
2.
M
in
M
ax
P4KE 6.8
6.12
7.48
10
P4KE 6.8A
6.45
7.14
10
P4KE 7.5
6.75
8.25
10
P4KE 7.5A
7.13
7.88
10
P4KE 8.2
7.38
9.02
10
P4KE 8.2A
7.79
8.61
10
P4KE 9.1
8.19
10.0
1.0
P4KE 9.1A
8.65
9.55
1.0
P4KE 10
9.00
11.0
1.0
P4KE 10A
9.50
10.5
1.0
P4KE 11
9.90
12.1
1.0
P4KE 11A
10.5
11.6
1.0
P4KE 12
10.8
13.2
1.0
P4KE 12A
11.4
12.6
1.0
P4KE 13
11.7
14.3
1.0
P4KE 13A
12.4
13.7
1.0
P4KE 15
13.5
16.5
1.0
P4KE 15A
14.3
15.8
1.0
P4KE 16
14.4
17.6
1.0
P4KE 16A
15.2
16.8
1.0
P4KE 18
16.2
19.8
1.0
P4KE 18A
17.1
18.9
1.0
P4KE 20
18.0
22.0
1.0
P4KE 20A
19.0
21.0
1.0
P4KE 22
19.8
24.2
1.0
P4KE 22A
20.9
23.1
1.0
P4KE 24
21.6
26.4
1.0
P4KE 24A
22.8
25.2
1.0
P4KE 27
24.3
29.7
1.0
P4KE 27A
25.7
28.4
1.0
P4KE 30
27.0
33.0
1.0
P4KE 30A
28.5
31.5
1.0
P4KE 33
29.7
36.3
1.0
P4KE 33A
31.4
34.7
1.0
P4KE 36
32.4
39.6
1.0
P4KE 36A
34.2
37.8
1.0
P4KE 39
35.1
42.9
1.0
P4KE 39A
37.1
41.0
1.0
P4KE 43
38.7
47.3
1.0
P4KE 43A
40.9
45.2
1.0
P4KE 47
42.3
51.7
1.0
P4KE 47A
44.7
49.4
1.0
P4KE 51
45.9
56.1
1.0
P4KE 51A
48.5
53.6
1.0
P4KE 56
50.4
61.6
1.0
P4KE 56A
53.2
58.8
1.0
0.103
47.8
5.0
5.2
77.0
0.103
45.4
5.0
5.0
80.5
0.102
43.6
5.0
5.7
70.1
0.102
41.3
5.0
5.4
73.5
0.101
40.2
5.0
6.2
64.8
0.101
38.1
5.0
5.9
67.8
0.101
36.8
5.0
6.7
59.3
0.101
34.8
5.0
6.5
61.9
Max imum
rev ers e
leakge
at V WM
ID (NOTE3)(μA )
Max imum
peak puls e
IPPM (NOTE2)
(A )
Max imum
clamping
v oltage at
IPPM V C(V )
Max imum
temperature
coeff ic ient
of V (BR)
(% /
)
Breakdow n
v oltage V (BR)
(V )(NOTE1)
Tes t
current
at IT
(mA )
33.3
5.0
25.6
5.0
11.1
5.0
5.0
Stand-of f
v oltage
V WM
(V )
0.099
31.6
5.0
7.1
56.4
0.100
30.8
5.0
8.0
49.9
0.099
28.2
5.0
8.8
45.7
29.1
5.0
7.7
52.0
0.088
13.6
5.0
0.098
17.8
22.5
0.086
5.0
11.5
34.7
12.8
5.0
9.7
41.4
14.5
5.0
15.1
26.5
12.9
5.0
17.0
23.5
22.0
0.084
0.084
0.086
22.0
18.2
0.081
5.0
12.0
33.2
5.0
25.2
18.9
21.2
0.078
5.0
21.1
19.0
0.081
5.0
24.0
12.1
17.8
5.0
12.5
31.9
10.5
10.2
16.7
12.1
5.0
13.4
15.0
24.3
5.0
5.0
5.0
5.0
9.2
24.7
10.2
10.8
5.50
1000
37.0
10.5
11.7
11.3
12.5
9.40
5.80
6.05
6.40
6.63
7.02
8.92
7.37
7.78
8.10
5.0
5.0
50
50
10
10
200
14.4
1000
500
500
200
5.0
15.9
18.2
25.6
38.1
34.2
35.4
32.0
33.1
16.2
15.6
17.3
29.0
29.9
26.7
27.6
23.1
13.8
0.097
43.5
0.097
26.8
5.0
8.4
47.7
0.098
37.5
29.1
27.7
10.7
13.7
13.1
30.6
39.1
0.096
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.057
0.057
0.061
0.073
0.061
0.065
0.065
8.55
0.068
0.068
9.72
0.073
0.075
0.075
0.076
14.5
5.0
18.8
21.8
20.5
19.4
ELECTRICAL CHARACTERIS TICS a t(TA= 25
unle ss othe rw ise note d)
TABLE 1
Dev ic e
ty pe
7.4
53.9
0.100
23.1
16.2
17.1
15.3
www.galaxycn.com


Similar Part No. - P4KE30

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P4KE30 LUGUANG-P4KE30 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P4KE30 PANJIT-P4KE30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE30 LUGUANG-P4KE30 Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE30 LUGUANG-P4KE30 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE30 DIOTEC-P4KE30 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE30

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com