Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0303-2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI1-0303-2
Description  Dual, SPDT CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0303-2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI1-0303-2 Datasheet HTML 3Page - Intersil Corporation HI1-0303-2 Datasheet HTML 4Page - Intersil Corporation HI1-0303-2 Datasheet HTML 5Page - Intersil Corporation HI1-0303-2 Datasheet HTML 6Page - Intersil Corporation HI1-0303-2 Datasheet HTML 7Page - Intersil Corporation HI1-0303-2 Datasheet HTML 8Page - Intersil Corporation HI1-0303-2 Datasheet HTML 9Page - Intersil Corporation HI1-0303-2 Datasheet HTML 10Page - Intersil Corporation HI1-0303-2 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN3125.10
November 17, 2004
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English
and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in
JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpen-
dicular to datum
.
7. eB and eC are measured at the lead tips with the leads uncon-
strained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 -
1.14mm).
eA
-C-
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
E14.3 (JEDEC MS-001-AA ISSUE D)
14 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N14
14
9
Rev. 0 12/93
HI-303


Similar Part No. - HI1-0303-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0303-2 INTERSIL-HI1-0303-2 Datasheet
117Kb / 11P
   CMOS Analog Switches
March 2000
More results

Similar Description - HI1-0303-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5043CPE INTERSIL-IH5043CPE Datasheet
133Kb / 7P
   Dual SPDT CMOS Analog Switch
IH5151 INTERSIL-IH5151 Datasheet
155Kb / 7P
   Dual SPDT, CMOS Analog Switch
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
   Dual SPDT CMOS Analog Switch
November 2003
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
logo
Intersil Corporation
HI-303883 INTERSIL-HI-303883 Datasheet
240Kb / 11P
   Dual SPDT CMOS Analog Switch
HI-390 INTERSIL-HI-390_02 Datasheet
165Kb / 8P
   Dual SPDT CMOS Analog Switch
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com